전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7003ITD833TP 데이터시트(PDF) 11 Page - Touchstone Semiconductor Inc

부품명 TS7003ITD833TP
상세설명  A 300ksps, Single-supply, 12-Bit Serial-output ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS7003ITD833TP 데이터시트(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TS7003ITD833TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 11Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 12Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 13Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 14Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TS7003
TS7003DS r1p0
Page 11
RTFDS
Figure 8: TS7003 Serial Interface Timing Sequence
Figure 9: TS7003 Serial Interface Timing Specifications in Detail.
APPLICATIONS INFORMATION
Connection to Industry-Standard Serial Interfaces
The TS7003
’s serial interface is fully compatible with
SPI/QSPI
and
MICROWIRE
standard
serial
interfaces (Refer to Figure 11). For serial interface
operation with these standards, the CPU’s serial
interface should be set to master mode so the CPU
then generates the serial clock. Second, the CPU’s
serial clock should be configured to operate up to
4.8MHz. The process to configure the serial clock and
data transfer operation is as follows:
1) Using a general-purpose I/O line from the CPU, the
CS pin is driven low to start a conversion. DOUT
transitions from high impedance to logic low. The
SCLK polarity should be low to start the conversion
process correctly.
2) Next, SCLK is activated for a minimum of 15 SCLK
cycles where the first two SCLKs produce zeros at
the DOUT pin. Data at DOUT is formatted MSB first
and DOUT transitions occur 20ns after the third (3
rd)
SCLK low-to-high transition. Once the low-to-high
SCLK transition has occurred, data is valid at DOUT
TIME IN SHUTDOWN MODE - sec
CREF = 4.7µF
2
1
0.5
0
0.1m
10m
1
10
100m
2.5
1.5
1m
Figure 7: TS7003 Reference Power-Up Delay
vs Duration in Shutdown Mode


유사한 부품 번호 - TS7003ITD833TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7003ITD833TP TOUCHSTONE-TS7003ITD833TP Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
More results

유사한 설명 - TS7003ITD833TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Maxim Integrated Produc...
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com