전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1103-200EG6TP 데이터시트(PDF) 5 Page - Touchstone Semiconductor Inc

부품명 TS1103-200EG6TP
상세설명  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-200EG6TP 데이터시트(HTML) 5 Page - Touchstone Semiconductor Inc

  TS1103-200EG6TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-200EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS1103
TS1103DS r1p0
Page 5
RTFDS
Gain Error vs Common-Mode Voltage
SUPPLY VOLTAGE - Volt
Gain Error vs. Temperature
Small-Signal Gain vs Frequency
VSENSE- mV
0
0.2
0.3
0.001
0.1
1
10
1000
5
-5
-15
-35
-25
10
20
0
30
G = 100
G = 25
G = 50
G = 100
G = 50
G = 25
VOUT vs VSENSE @ Supply = 3.6V
G = 25
G = 100
G = 50
G =25
G = 50, 100
FREQUENCY - kHz
Common-Mode Rejection vs Frequency
0.1
-0.3
-0.2
0.1
0.2
0.3
-0.1
0
15
5
0
150
100
50
0
100
60
20
0
1
2.5
3
3.5
4
1.5
2
0
0.2
0.8
1.0
2
0.4
0.6
0
-10
-20
-30
100
0
-20
-60
-140
-80
-40
-100
-120
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
-40
-15
35
60
85
10
TEMPERATURE -
°C
VSENSE- mV
VOUT vs VSENSE @ Supply = 2V
FREQUENCY - kHz
40
80
1.2
1.8
1.4
1.6
0.5
25
110
0.01
0.001
0.1
1
10
1000
100
0.01
0.4


유사한 부품 번호 - TS1103-200EG6TP

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1103-200-EG6 SILABS-TS1103-200-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-200-EG6T SILABS-TS1103-200-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - TS1103-200EG6TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com