전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR010V1 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STEVAL-TDR010V1
상세설명  RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR010V1 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STEVAL-TDR010V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data:
STEVAL-TDR010V1
10/13
Doc ID 17348 Rev 1
7
Package mechanical data:
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Table 5.
M244 (.400 x .860 4/L BAL N/HERM W/FLG)
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ
Max.
A
5.59
5.84
0.220
0.230
B5.08
0.200
C
3.02
3.28
0.119
0.129
D
9.65
9.91
0.380
0.390
E
19.81
20.82
0.780
0.820
F
10.92
11.18
0.430
0.440
G
27.94
1.100
H
33.91
34.16
1.335
1.345
I
0.10
0.15
0.004
0.006
J
1.52
1.78
0.060
0.070
K
2.59
2.84
0.102
0.112
L
4.83
5.84
0.190
0.230
M
10.03
10.34
0.395
0.407
N
21.59
22.10
0.850
0.870


유사한 부품 번호 - STEVAL-TDR010V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

유사한 설명 - STEVAL-TDR010V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
   RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
   RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
DB-54003-470 STMICROELECTRONICS-DB-54003-470 Datasheet
812Kb / 18P
   RF POWER amplifier using 1 x PD54003 N-Channel enhancement-mode lateral MOSFETs
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com