전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7427024 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7427024
상세설명  Split EMI Suppression Ferrite Ring Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427024 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427024 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427024 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427024 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427024 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.0
3.0
REV
2012-09-18
2004-10-11
DATE
SSt
LF
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Split EMI Suppression Ferrite Ring Core
Order.- No.
7427024
SIZE
A4
D2 General Properties:
Cable diameter
Ferrite core
Ferrite core
Ferrite core
Plastic housing
Test cable
Test cable
Properties
Cable diameter
Material
Initial permeability
Curie temperature
Flammability Classification
Applicable cable
Applicable cable length
µi
TC
Value
≤15.8
4 W 620
620
150
UL94-V0
AWG26
165
Unit
mm
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7427024

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427020 WURTH-7427020 Datasheet
413Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427021 WURTH-7427021 Datasheet
414Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427022 WURTH-7427022 Datasheet
422Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427023 WURTH-7427023 Datasheet
430Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427025 WURTH-7427025 Datasheet
417Kb / 4P
   Split EMI Suppression Ferrite Ring Core
More results

유사한 설명 - 7427024

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427020 WURTH-7427020 Datasheet
413Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427025 WURTH-7427025 Datasheet
417Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427026 WURTH-7427026 Datasheet
418Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427023 WURTH-7427023 Datasheet
430Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427027 WURTH-7427027 Datasheet
424Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427022 WURTH-7427022 Datasheet
422Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427021 WURTH-7427021 Datasheet
414Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427028 WURTH-7427028 Datasheet
423Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427055 WURTH-7427055 Datasheet
399Kb / 4P
   Multi-Aperture EMI Suppression Core
7427054 WURTH-7427054 Datasheet
405Kb / 4P
   Multi-Aperture EMI Suppression Core
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com