전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7427055 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7427055
상세설명  Multi-Aperture EMI Suppression Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427055 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427055 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427055 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427055 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427055 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.0
2.0
REV
2012-09-27
2004-10-11
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Multi-Aperture EMI Suppression Core
Order.- No.
7427055
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Test conditions
25 MHz
100 MHz
Z
Z
Value
41
75
Unit
Ω
Ω
Tol.
±25%
±25%
E General information:
Storage Temperature (before assembly): -20°C to +60°C
Operating Temperature: -25°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7427055

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427050 WURTH-7427050 Datasheet
400Kb / 4P
   Multi-Aperture EMI Suppression Core
7427051 WURTH-7427051 Datasheet
406Kb / 4P
   Multi-Aperture EMI Suppression Core
7427052 WURTH-7427052 Datasheet
404Kb / 4P
   Multi-Aperture EMI Suppression Core
7427054 WURTH-7427054 Datasheet
405Kb / 4P
   Multi-Aperture EMI Suppression Core
7427056 WURTH-7427056 Datasheet
404Kb / 4P
   Multi-Aperture EMI Suppression Core
More results

유사한 설명 - 7427055

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427051 WURTH-7427051 Datasheet
406Kb / 4P
   Multi-Aperture EMI Suppression Core
7427057 WURTH-7427057 Datasheet
394Kb / 4P
   Multi-Aperture EMI Suppression Core
7427056 WURTH-7427056 Datasheet
404Kb / 4P
   Multi-Aperture EMI Suppression Core
7427054 WURTH-7427054 Datasheet
405Kb / 4P
   Multi-Aperture EMI Suppression Core
7427050 WURTH-7427050 Datasheet
400Kb / 4P
   Multi-Aperture EMI Suppression Core
7427052 WURTH-7427052 Datasheet
404Kb / 4P
   Multi-Aperture EMI Suppression Core
logo
Fair-Rite Products Corp...
2843002302 FAIR-RITE-2843002302 Datasheet
529Kb / 5P
   43 MULTI-APERTURE CORE
2867001502 FAIR-RITE-2867001502 Datasheet
525Kb / 5P
   67 MULTI-APERTURE CORE
2873002402 FAIR-RITE-2873002402 Datasheet
503Kb / 5P
   73 MULTI-APERTURE CORE
2843000302 FAIR-RITE-2843000302 Datasheet
526Kb / 5P
   43 MULTI-APERTURE CORE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com