전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA12392-LXP2-W 데이터시트(PDF) 2 Page - Cree, Inc

부품명 CA12392-LXP2-W
상세설명  Leila series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA12392-LXP2-W 데이터시트(HTML) 2 Page - Cree, Inc

  CA12392-LXP2-W Datasheet HTML 1Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 2Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 3Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 4Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 5Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 6Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 7Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 8Page - Cree, Inc CA12392-LXP2-W Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PRODUCT DATASHEET
Leila series
last update 2/5/2012
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12392_LXP2-W
Leila
Assembly
XT-E
Black
21.6 mm
14.6 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
41 degrees
89 %
1.580
Available
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
October 19th 2012 0:31 Copyright Ledil Oy - Subject to change without prior notice - Page 2/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA12392-LXP2-W

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA12392 CREE-CA12392 Datasheet
1Mb / 29P
   Leila series
logo
Ledil, Inc.
CA12392 LEDIL-CA12392 Datasheet
2Mb / 7P
   ~40째 wide beam optimized for CREE XP-E.
More results

유사한 설명 - CA12392-LXP2-W

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com