전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54062703400 데이터시트(PDF) 6 Page - Sumida Corporation

부품명 54062703400
상세설명  0603 (1608) drahtgewickelt (AgPd/Ni/Sn Metallisierung)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54062703400 데이터시트(HTML) 6 Page - Sumida Corporation

  54062703400 Datasheet HTML 1Page - Sumida Corporation 54062703400 Datasheet HTML 2Page - Sumida Corporation 54062703400 Datasheet HTML 3Page - Sumida Corporation 54062703400 Datasheet HTML 4Page - Sumida Corporation 54062703400 Datasheet HTML 5Page - Sumida Corporation 54062703400 Datasheet HTML 6Page - Sumida Corporation 54062703400 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Güte Q über Frequenz f
Q factor versus frequency f
Induktivität L über Frequenz f
Inductance L versus frequency f
Spule auf Keramikkörper
Spule auf Ferritkörper
Coil on ferrite body
Coil on ceramic body
0
5
10
15
20
1
1 0
100
1000
f [MHz ]
1000 nH
820 nH
680 nH
1800 nH
2700 nH
100
1000
10000
1
1 0
100
1000
f [MHz ]
1000
2700
1800
680
820 nH
nH
nH
nH
nH
- 23 -


유사한 부품 번호 - 54062703400

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
54062703400 SUMIDA-54062703400 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
54062703400 SUMIDA-54062703400 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results

유사한 설명 - 54062703400

제조업체부품명데이터시트상세설명
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
logo
Inolux Corporation
HT-F199TW5 INOLUX-HT-F199TW5 Datasheet
1Mb / 16P
   0.25mm Height InGaN White 0603 (1608)
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
Kingbright Corporation
APT1608XXX KINGBRIGHT-APT1608XXX Datasheet
214Kb / 1P
   SUPER THIN SMD CHIP LED 1608(0603)
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
logo
Rohm
CSL1104WBX ROHM-CSL1104WBX Datasheet
962Kb / 11P
   1608 (0603) size, compact and high intensity reflector type
logo
Taiyo Yuden (U.S.A.), I...
HMK107C7224KA-TE TAIYO-YUDEN-HMK107C7224KA-TE Datasheet
331Kb / 2P
   Item Summary 0.22uF짹10%, 100V, X7S, 0603/1608 (EIA/JIS)
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060ABT WALSIN-RFLPF1608060ABT Datasheet
400Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060FM1T73 WALSIN-RFLPF1608060FM1T73 Datasheet
287Kb / 3P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com