전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS732KUA 데이터시트(PDF) 2 Page - SEC Electronics Inc.

부품명 SS732KUA
상세설명  Hall Latch - High Sensitivity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732KUA 데이터시트(HTML) 2 Page - SEC Electronics Inc.

  SS732KUA Datasheet HTML 1Page - SEC Electronics Inc. SS732KUA Datasheet HTML 2Page - SEC Electronics Inc. SS732KUA Datasheet HTML 3Page - SEC Electronics Inc. SS732KUA Datasheet HTML 4Page - SEC Electronics Inc. SS732KUA Datasheet HTML 5Page - SEC Electronics Inc. SS732KUA Datasheet HTML 6Page - SEC Electronics Inc. SS732KUA Datasheet HTML 7Page - SEC Electronics Inc. SS732KUA Datasheet HTML 8Page - SEC Electronics Inc. SS732KUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
                                                               
2
V2.00
May.1, 2012
General Description
or IC fabricated from
mixed si
regul
Sc
all
sta
sw
Elect
specifications and performance have been optimized for
ation appl
ks to its w
ure ra
onsu
r
ic Single In
kages are
Glossary of Terms
Mi iTesla (mT),
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
S
utline Transistor (SOT package) – also referred with the package code “SO”
ES
E
tro-
BL
Op
OP)
e
flux
(V
Release Point (BRP) Magnetic flux density applied on the branded side of the package which turns the output driver OFF
(VOUT
The S732 is a bipolar Hall effect sens
gnal CMOS technology. The device integrates a voltage
ator, Hall sensor with dynamic offset cancellation system,
hmitt trigger and an output driver with internal pull-up resistor,
in a single package. It incorporates advanced chopper
bilization techniques to provide accurate and stable magnetic
itch points. There are many applications for this HED – Hall
ronic Device - in addition to those listed above. The design,
commut
ications in 5V and 12V brushless DC motors.
Than
ide operating voltage range and extended choice
of temperat
nge, it is quite suitable for use in automotive,
industrial and c
Small Outline T
Plast
3-lead pac
mer applications. The device is delivered in a
ansistor (SOT) for surface mount process or in a
Line (SIP 3L flat) for through- hole mount. Both
RoHS compliant.
ll
OT
Small O
D
lec
Static Discharge
DC
Brush-Less Direct-Current
erating Point (B
Magn tic
density applied on the branded side of the package which turns the output driver ON
OUT = VDSon)
= high)


유사한 부품 번호 - SS732KUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS732KUA SECELECTRONICS-SS732KUA Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
More results

유사한 설명 - SS732KUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com