전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB206A 데이터시트(PDF) 11 Page - Summit Microelectronics, Inc.

부품명 SMB206A
상세설명  Dual Programmable Buck Regulators with Integrated MOSFETs and Digital Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB206A 데이터시트(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB206A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SMB206A/7A/8A
Preliminary
SUMMIT Microelectronics, Inc.
2147 2.4 2/23/2012
11
TYPICAL PERFORMANCE GRAPHS
TYPICAL PERFORMANCE GRAPHS
20.0%
25.0%
30.0%
35.0%
40.0%
45.0%
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
0.01
0.10
Load(A)
Efficiency
Vout 5.0V
Vout 3.30V
Vout 2.50V
Vout 1.80V
Vout 1.50V
Vout 1.20V
Vout 1.0V
Vout 0.8V
Conditions: Vin = 12V, Vout = 0.8V, 1V, 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, 5.0V, Freq = 500KHz
Figure 10: SMB208A Light Load Efficiency Graph
60.0%
62.0%
64.0%
66.0%
68.0%
70.0%
72.0%
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Load(A)
Efficiency
Vout 5.0V
Vout 3.30V
Vout 2.50V
Vout 1.80V
Vout 1.50V
Vout 1.20V
Vout 1.0V
Vout 0.8V
Conditions: Vin = 12V, Vout = 0.8V, 1V, 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, 5.0V, Freq = 500KHz
Figure 11: SMB208A Full Load Efficiency Graph
25.0%
30.0%
35.0%
40.0%
45.0%
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
0.01
0.10
Load(A)
Efficiency
Vout 5.0V
Vout 3.30V
Vout 2.50V
Vout 1.80V
Vout 1.50V
Vout 1.20V
Vout 1.0V
Vout 0.8V
Conditions: Vin = 12V, Vout = 0.8V, 1V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V,
5.0V, Freq = 500KHz
Figure 8: SMB206A Light Load Efficiency Graph
60.0%
62.0%
64.0%
66.0%
68.0%
70.0%
72.0%
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Load(A)
Efficiency
Vout 5.0V
Vout 3.30V
Vout 2.50V
Vout 1.80V
Vout 1.50V
Vout 1.20V
Vout 1.0V
Vout 0.8V
Conditions: Vin = 12V, Vout = 0.8V, 1V, 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, 5.0V, Freq = 500KHz
Figure 9: SMB206A Full Load Efficiency Graph


유사한 부품 번호 - SMB206A

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
SMB20 LITEON-SMB20 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB20 MIC-SMB20 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB20 LUGUANG-SMB20 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
   Surface Mount Beads
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
   Surface Mount Beads
More results

유사한 설명 - SMB206A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Analog Devices
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
   3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
   60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
   Single Synchronous Buck Regulators with Integrated FET
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com