전자부품 데이터시트 검색엔진 |
|
74AUP1G00SE-7 데이터시트(PDF) 10 Page - Diodes Incorporated |
|
74AUP1G00SE-7 데이터시트(HTML) 10 Page - Diodes Incorporated |
10 / 11 page 74AUP1G00 Document number: DS35145 Rev. 1- 2 10 of 11 www.diodes.com August 2012 © Diodes Incorporated 74AUP1G00 Package Outline Dimensions (cont.) (All dimensions in mm.) Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. (3) X2-DFN1010-6 Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version (1) SOT353 (2) X2-DFN1410-6 X2-DFN1010-6 Dim Min Max Typ A –– 0.40 0.39 A1 0.00 0.05 0.02 A3 –– –– 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 D 0.95 1.05 1.00 E 0.95 1.05 1.00 e –– –– 0.35 L 0.35 0.45 0.40 K 0.15 –– –– Z –– –– 0.065 All Dimensions in mm Dimensions Value (in mm) Z 2.5 G 1.3 X 0.42 Y 0.6 C1 1.9 C2 0.65 Dimensions Value (in mm) C 0.500 G 0.250 X 0.250 X1 1.250 Y 0.525 Y1 1.250 A A1 A3 D E Z(4x) b(6x) e L(6x) K (Pin #1 ID) b1 X Z Y C1 C2 C2 G 1 X1 Y1 Y(6x) X(6x) G(4x) C |
유사한 부품 번호 - 74AUP1G00SE-7 |
|
유사한 설명 - 74AUP1G00SE-7 |