전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS001AKA 데이터시트(PDF) 6 Page - Sony Corporation

부품명 DS001AKA
상세설명  Single-Panel Liquid Crystal Optical Engine for Rear Projectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

DS001AKA 데이터시트(HTML) 6 Page - Sony Corporation

Back Button DS001AKA Datasheet HTML 2Page - Sony Corporation DS001AKA Datasheet HTML 3Page - Sony Corporation DS001AKA Datasheet HTML 4Page - Sony Corporation DS001AKA Datasheet HTML 5Page - Sony Corporation DS001AKA Datasheet HTML 6Page - Sony Corporation DS001AKA Datasheet HTML 7Page - Sony Corporation DS001AKA Datasheet HTML 8Page - Sony Corporation DS001AKA Datasheet HTML 9Page - Sony Corporation DS001AKA Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
– 6 –
DS001AKA
1. Contrast ratio
Contrast ratio (CR) is given by the following formula.
L(White): Surface illuminance of the screen at the input signal amplitude VAC = 0.5V
L(Black): Surface illuminance of the screen at VAC = 4.5V
Both luminances are measured by System I.
CR =
2. Luminous flux
In measurement system I, the average of the luminance at the nine points specified in ANSI standards when
the input signal amplitude VAC is 0.5V, multiplied by the effective display area, is computed.
L = average illuminance at nine ANSI points (lm/m2)
× effective display area (m2)
L (White)
L (Black)
nine ANSI points: centers of each of the
areas obtained by dividing
the effective display area
into nine smaller areas
3. Chromaticity
Raster modes of each color are defined by the representations at the input signal amplitude conditions shown
in the table below.
System I uses chromaticity of x and y on the CIE standards here.
4. Color uniformity
In the measurement system I, the maximum values of the CIE color differences at the three points in the
middle row of the nine ANSI points, measured at an input signal amplitude VAC of 0.5V, are used to compute
the color uniformity.
∆Wx = x max – x min
∆Wy = y max – y min
For other electro-optical characteristics, refer to the LCX011AM specifications.
(Unit: V)
R input
G input
B input
0.5
4.5
4.5
4.5
0.5
4.5
4.5
4.5
0.5
R
G
B
Signal amplitude (VAC) supplied to each input
H/3
H/3
H/3
H


유사한 부품 번호 - DS001AKA

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS0025C NSC-DS0025C Datasheet
155Kb / 6P
   Two Phase MOS Clock Driver
DS0025CH NSC-DS0025CH Datasheet
155Kb / 6P
   Two Phase MOS Clock Driver
DS0025CJ NSC-DS0025CJ Datasheet
155Kb / 6P
   Two Phase MOS Clock Driver
DS0025CJ-8 NSC-DS0025CJ-8 Datasheet
155Kb / 6P
   Two Phase MOS Clock Driver
DS0025CN NSC-DS0025CN Datasheet
155Kb / 6P
   Two Phase MOS Clock Driver
More results

유사한 설명 - DS001AKA

제조업체부품명데이터시트상세설명
logo
Sony Corporation
DS002AKA SONY-DS002AKA Datasheet
293Kb / 13P
   Single-Panel Liquid Crystal Optical Engine for Rear Projectors
DS005AKC SONY-DS005AKC Datasheet
343Kb / 12P
   Single-Panel Liquid Crystal Optical Engine for Rear Projectors
DS005AKA SONY-DS005AKA Datasheet
314Kb / 12P
   Single-Panel Liquid Crystal Optical Engine for Rear Projectors
CXD3504R SONY-CXD3504R Datasheet
279Kb / 12P
   Color Shading Correction IC for Liquid Crystal Projectors
CXD3503R SONY-CXD3503R Datasheet
175Kb / 19P
   Color Shading Correction IC for Liquid Crystal Projectors
CXD2403AR SONY-CXD2403AR Datasheet
1Mb / 25P
   Timing Generator for Color Liquid Crystal Panel
logo
Mitsubishi Electric Sem...
M52338FP MITSUBISHI-M52338FP Datasheet
136Kb / 12P
   INTERFACE IC FOR ACTIVE MATRIX LIQUID CRYSTAL PANEL
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
   Liquid Crystal Display Panel Source Driver
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com