전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP-105-40-00 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TP-105-40-00
상세설명  ISO5500EVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TP-105-40-00 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TP-105-40-00 Datasheet HTML 2Page - Texas Instruments TP-105-40-00 Datasheet HTML 3Page - Texas Instruments TP-105-40-00 Datasheet HTML 4Page - Texas Instruments TP-105-40-00 Datasheet HTML 5Page - Texas Instruments TP-105-40-00 Datasheet HTML 6Page - Texas Instruments TP-105-40-00 Datasheet HTML 7Page - Texas Instruments TP-105-40-00 Datasheet HTML 8Page - Texas Instruments TP-105-40-00 Datasheet HTML 9Page - Texas Instruments TP-105-40-00 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Printed-Circuit Board
www.ti.com
Table 2. Bill of Materials
Item
Qty
Reference
Value
Manufacturer
Manufacturer Part No
1
1
C1
68
µF
AVX
TPSE686K020R0150
2
1
C2
10
µF
AVX
TPSB106K020R1000
3
1
C3
1
µF
AVX
TPSA105K020R3000
4
1
C4
0.1
µF
GARRETT
X7R0805HTTD104K
5
2
C5,C13
0.01
µF
KEMET
C0805C103M5RACTU
6
1
C6
330 pF
KEMET
C0805C331J5GACTU
7
2
C7,C14
0.1
µF
KEMET
C0805C104K5RACTU
8
1
C8
100 pF
KEMET
C0805C101J5GACTU
9
1
C9
10 nF
KEMET
C0805C103K1RAC3123
10
1
C10
10
µF
TAIYO-YUDEN
UMK325BJ106MM-T
11
1
C11
1
µF
PANASONIC
ECQ-V1J105JM
12
1
C12
0.1
µF
KEMET
C0805C104M5RACTU
13
2
C15,C16
4.7
µF
VISHAY SPRAGUE
TR3D475K050C0300
14
1
C17
68
µF
United Chemicon
EMVY500ADA680MHZ0G
15
1
D1
UF4007
VISHAY
UF4007
16
1
D2
DNI - UF4007
16 AWG Wire Short
16 AWG Wire Short
17
1
D3
DNI - UF4007
VISHAY
UF4007
18
1
JMP1
HDR_THVT_2x4_100M
Sullins
S1032-04-ND
19
7
JMP2,JMP3,JMP4,JMP5,JMP6,JMP7,JMP8
HDR_THVT_1x2
Sullins
S1032-02-ND
20
10
MFG1,MFG2,MFG3,MFG4,MFG5,MFG6,MFG9,MFG
MFG060_PTH
Plated Through Holes 0.060
" Holes for
10,MFG11,MFG12
Customer Use Only
21
2
P5,P6
Banana-Jack
ITT-POMONA
3267
22
1
Q1
POWER FET
DNI
DNI
23
1
R1
3.3K
VISHAY
CRCW2010332FKEF
24
1
R2
0
Panasonic
ERJ-6GEY0R00V
25
1
R3
100
Panasonic
ERJ-6GEY101V
26
1
R4
10
Panasonic
ERJ-1TYF100U
27
1
R5
DNI - 10
Panasonic
ERJ-1TYF100U
28
9
TP1,TP2,TP3,TP4,TP5,TP6,TP7,TP8,TP13
Test Loop - Black
Component Corporation
TP-105-40-00
29
2
TP9,TP11
Test Loop - Black
KEYSTONE
5011
30
2
TP10,TP12
Test Loop - RED
KEYSTONE
5010
31
1
U1
ISO5500
Texas Instruments
ISO5500
32
4
Bottom Side as shown on Bottom Side Silkscreen
Bumpon Hemisphere - Black
3M
SJ-5003
33
5
To Be Installed on JMP4
–JMP7
Jumper Shorts With Handle
TYCO
2-881545-2
6
ISO5500EVM
SLLU136
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


유사한 부품 번호 - TP-105-40-00

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
TP-105 MACOM-TP-105 Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
logo
M/A-COM Technology Solu...
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer
logo
Tyco Electronics
TP-105PIN MACOM-TP-105PIN Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com