전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH5050A-E 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 VNH5050A-E
상세설명  Automotive fully integrated H-bridge motor driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050A-E 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button VNH5050A-E Datasheet HTML 4Page - STMicroelectronics VNH5050A-E Datasheet HTML 5Page - STMicroelectronics VNH5050A-E Datasheet HTML 6Page - STMicroelectronics VNH5050A-E Datasheet HTML 7Page - STMicroelectronics VNH5050A-E Datasheet HTML 8Page - STMicroelectronics VNH5050A-E Datasheet HTML 9Page - STMicroelectronics VNH5050A-E Datasheet HTML 10Page - STMicroelectronics VNH5050A-E Datasheet HTML 11Page - STMicroelectronics VNH5050A-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical specifications
VNH5050A-E
8/33
Doc ID 16009 Rev 10
2
Electrical specifications
Figure 3.
Current and voltage conventions
2.1
Absolute maximum ratings
VCC
INA
IS
IOUTA
IINA
VINA
VCC
VOUTA
ISENSE
VOUTB
DIAGA/ENA
IENA
IGND
IOUTB
INB
IINB
DIAGB/ENB
IENB
VENB
VENA
VINB
VSENSE
OUTA
OUTB
PWM
CS
Ipw
Vpw
GND
VCSD
ICSD
CS_DIS
Table 6.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
+ 41
V
Imax
DC output current
Internally limited
A
IR
Reverse output current (continuous)(1)
1.
Based on the internal wires capability.
25
A
IIN
Input current (INA and INB pins)
+/- 10
mA
IEN
Enable input current (DIAGA/ENA and DIAGB/ENB pins)
+/- 10
mA
Ipw
PWM Input current
+/- 10
mA
ICS_DIS
CS_DIS input current
+/- 10
mA
VCS
Current sense maximum voltage
VCC-41/+VCC
V
VESD
Electrostatic discharge
(Human body model: R = 1.5 k
Ω, C = 100 pF)
2kV
Tc
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
IGND
DC reverse ground pin current
200
mA


유사한 부품 번호 - VNH5050A-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH5050A-E STMICROELECTRONICS-VNH5050A-E Datasheet
1Mb / 22P
   for car body applications
VNH5050A-E STMICROELECTRONICS-VNH5050A-E Datasheet
2Mb / 2P
   Fully-protected, eco-friendly motor control solutions
More results

유사한 설명 - VNH5050A-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com