전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA339 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA339
상세설명  Quad Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA339 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA339_12 Datasheet HTML 1Page - Fairchild Semiconductor KA339_12 Datasheet HTML 2Page - Fairchild Semiconductor KA339_12 Datasheet HTML 3Page - Fairchild Semiconductor KA339_12 Datasheet HTML 4Page - Fairchild Semiconductor KA339_12 Datasheet HTML 5Page - Fairchild Semiconductor KA339_12 Datasheet HTML 6Page - Fairchild Semiconductor KA339_12 Datasheet HTML 7Page - Fairchild Semiconductor KA339_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.5
Features
• Single or Dual Supply Operation
• Wide Range of Supply Voltage
KA339/KA339A, KA2901 : 2 ~ 36V (or
±1 ~ ±18V)
• Low Supply Current Drain 800
μA Typ.
• Open Collector Outputs for Wired and Connectors
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current
±2.3nA Typ.
• Low Input Offset Voltage
±1.4mV Typ.
• Input Common Mode Voltage Range Includes Ground.
• Low Output Saturation Voltage
• Output Compatible With TTL, DTL and MOS Logic
System
Description
The KA339/KA339A, KA2901 consist of four independent
voltage comparators designed to operate from single power
supply over a wide voltage range.
14-SOP
14-DIP
1
1
Internal Block Diagram
14
1
13
12
11
10
9
8
2
3
4
5
6
7
-
+
-
-
+
+
+
-
OUT3
OUT4
IN4(+)
GND
IN4(-)
IN3(+)
IN3(-)
OUT2
OUT1
IN1(+)
IN1(-)
IN2(-)
IN2(+)
VCC
KA339/KA339A, KA2901
Quad Comparator


유사한 부품 번호 - KA339_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA339A FAIRCHILD-KA339A Datasheet
86Kb / 8P
   Quad Comparator
KA339A FAIRCHILD-KA339A Datasheet
124Kb / 8P
   Quad Comparator
KA339A FAIRCHILD-KA339A Datasheet
124Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339A ONSEMI-KA339A Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Fairchild Semiconductor
KA339AD FAIRCHILD-KA339AD Datasheet
86Kb / 8P
   Quad Comparator
More results

유사한 설명 - KA339_12

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
   Quad Comparator
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com