전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3122CMX_F085 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN3122CMX_F085
상세설명  Single 9A High-Speed, Low-Side Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122CMX_F085 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN3122CMX_F085_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122_F085 • Rev. 1.0.0
3
1
2
3
6
7
8
4
5
VDD
GND
EN
IN
VDD
OUT
GND
OUT
1
2
3
6
7
8
4
5
EN
IN
VDD
GND
VDD
GND
OUT
OUT
Figure 4.
FAN3121 Pin Assignments (Repeated)
Figure 5.
FAN3122 Pin Assignments (Repeated)
Pin Definitions
FAN3121
FAN3122
Name
Description
3
3
EN
Enable Input
. Pull pin LOW to inhibit driver. EN has logic thresholds for both
TTL and CMOS IN thresholds.
4, 5
4, 5
GND
Ground
. Common ground reference for input and output circuits.
2
2
IN
Input
.
6, 7
OUT
Gate Drive Output
. Held LOW unless required input is present and VDD is
above the UVLO threshold.
6, 7
OUT
Gate Drive Output
(inverted from the input). Held LOW unless required
input is present and VDD is above the UVLO threshold.
1, 8
1, 8
VDD
Supply Voltage
. Provides power to the IC.
Output Logic
FAN3121
FAN3122
EN
IN
OUT
EN
IN
OUT
0
0
0
0
0
(7)
0
0
1
(7)
0
0
1
0
1
(7)
0
1
1
(7)
0
(7)
0
1
(7)
1
(7)
0
1
(7)
1
1
Note:
7.
Default input signal if no external connection is made.


유사한 부품 번호 - FAN3122CMX_F085_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3122CMX_F085 FAIRCHILD-FAN3122CMX_F085 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results

유사한 설명 - FAN3122CMX_F085_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com