전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3225CMX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN3225CMX
상세설명  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3225CMX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN3225CMX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3225CMX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
August 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225_F085 • Rev. 1.0.0
FAN3223 / FAN3224 / FAN3225_F085
Dual 4A High-Speed, Low-Side Gate Drivers
Features
Qualified to AEC Q-100
4.5 to 18V Operating Range
5A Peak Sink/Source at VDD = 12V
4.3A Sink / 2.8A Source at VOUT = 6V
Choice of TTL or CMOS Input Thresholds
Three Versions of Dual Independent Drivers:
-
Dual Inverting + Enable (FAN3223)
-
Dual Non-Inverting + Enable (FAN3224)
-
Dual-Inputs (FAN3225)
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
12ns / 9ns Typical Rise/Fall Times with 2.2nF Load
Typical Propagation Delay Under 20ns Matched
within 1ns to the Other Channel
Double Current Capability by Paralleling Channels
8-Lead SOIC Package
Rated from –40°C to +125°C Ambient
Applications
Switch-Mode Power Supplies
High-Efficiency MOSFET Switching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Description
The FAN3223-25 family of dual 4A gate drivers is
designed
to
drive
N-channel
enhancement-mode
MOSFETs in low-side switching applications by
providing high peak current pulses during the short
switching intervals. The driver is available with either
TTL or CMOS input thresholds. Internal circuitry
provides an under-voltage lockout function by holding
the output LOW until the supply voltage is within the
operating range. In addition, the drivers feature matched
internal propagation delays between A and B channels
for applications requiring dual gate drives with critical
timing, such as synchronous rectifiers. This also
enables connecting two drivers in parallel to effectively
double the current capability driving a single MOSFET.
The
FAN322X
drivers
incorporate
MillerDrive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize switching loss, while providing rail-
to-rail voltage swing and reverse current capability.
The FAN3223 offers two inverting drivers and the
FAN3224 offers two non-inverting drivers. Each device
has dual independent enable pins that default to ON if
not connected. In the FAN3225, each channel has dual
inputs of opposite polarity, which allows configuration as
non-inverting or inverting with an optional enable
function using the second input. If one or both inputs are
left unconnected, internal resistors bias the inputs such
that the output is pulled LOW to hold the power
MOSFET OFF.
Related Resources
AN-6069:
Application
Review
and
Comparative
Evaluation of Low-Side Gate Drivers
FAN3223
FAN3224
FAN3225
Figure 1. Pin Configurations


유사한 부품 번호 - FAN3225CMX_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN3225CMX-F085 ONSEMI-FAN3225CMX-F085 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

유사한 설명 - FAN3225CMX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com