전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HUFA76645S3ST 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 HUFA76645S3ST
상세설명  75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76645S3ST 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  HUFA76645S3ST Datasheet HTML 1Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 2Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 7Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 8Page - Fairchild Semiconductor HUFA76645S3ST Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
0.4
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
10000
0.1
1
10
100
70
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
2
4
6
8
10
0
30
60
90
120
150
0
VDD = 50V
Qg, GATE CHARGE (nC)
ID = 75A
ID = 50A
WAVEFORMS IN
DESCENDING ORDER:
ID = 20A
200
400
600
800
1000
1200
0
1020304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 50V, ID = 62A
tr
tf
td(ON)
td(OFF)
200
400
600
800
1000
1200
0
10
20304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 50V, ID = 75A
td(OFF)
tr
td(ON)
tf
©2010 Fairchild Semiconductor Corporation
HUFA76645S3ST_F085 Rev. A
HUFA76645S3ST_F085


유사한 부품 번호 - HUFA76645S3ST

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUFA76645S3S FAIRCHILD-HUFA76645S3S Datasheet
219Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

유사한 설명 - HUFA76645S3ST

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUF76645P3 FAIRCHILD-HUF76645P3 Datasheet
218Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76645P3 FAIRCHILD-HUFA76645P3 Datasheet
219Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76645P3 INTERSIL-HUF76645P3 Datasheet
107Kb / 9P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76633P3 FAIRCHILD-HUF76633P3_12 Datasheet
375Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
ON Semiconductor
HUF76639S3ST-F085 ONSEMI-HUF76639S3ST-F085 Datasheet
395Kb / 11P
   50A, 100V, 0.026 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
September-2017, Rev. 3
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA75852G3 FAIRCHILD-HUFA75852G3_11 Datasheet
264Kb / 7P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com