전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74457127 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74457127
상세설명  POWER-CHOKE WE-PD 4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74457127 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74457127 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74457127 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74457127 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Amm
Bmm
Cmm
Dmm
Emm
Fmm
= Start of winding
Marking = Inductance code
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
MST
2004-10-11
Name
Datum / date
22,0 ± 0,3
Typ XL
Änderung / modification
Version 1
15,0 (typ)
2,3 (typ)
7,0 +0,8/-0,4
15,0 ± 0,3
8,0 (typ)
Freigabe erteilt / general release:
Kunde / customer
Würth Elektronik
..................................................................................
A Mechanische Abmessungen / dimensions :
Ferrit/ferrite
2UEWF 155°C
F Werkstoffe & Zulassungen / material & approvals :
G Eigenschaften / general specifications :
D Prüfgeräte / test equipment :
E Testbedingungen / test conditions :
SMD-SPEICHERDROSSEL WE-PD 4
POWER-CHOKE WE-PD 4
Artikelnummer / part number :
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
C Lötpad / soldering spec. :
B Elektrische Eigenschaften / electrical properties :
Umgebungstemp. / ambient temperature: -40°C - + 85°C
12,00
SRF
Basismaterial / base material:
Draht / wire:
http://www.we-online.com
Datum / date
............................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
............................................................................
......................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2004-10-11
max.
A
Testbedingungen /
test conditions
3,80
max.
m
52,0
±15%
Sockel/ base:
UL94V-0
Pin / Terminal
100% Sn
Betriebstemp. / operating temperature: -40°C - + 125°C
Kunde / customer :
µH
RDC max
typ.
74457127
100 kHz / 1V
@ 20° C
@ 20° C
∆T = 40 K
MHz
m
typ.
HP 4274 A für/for L und/and Q
L
27,00
IDC
RDC typ
43,5
HP 34401 A für/for IDC und/and RDC
Luftfeuchtigkeit / humidity:
Isat
A
|∆L/L|< 10%
6,00
typ.
27,5
21,5
9,20
9,20
9,0
13,5
9,10
4,0
4,0
14,8
[mm]
B
A
C
E
D
F
RoHS
compliant
LF
SEITE 1 VON 3


유사한 부품 번호 - 74457127

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74457122 WURTH-74457122 Datasheet
109Kb / 3P
   POWER-CHOKE WE-PD 4
More results

유사한 설명 - 74457127

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74458220 WURTH-74458220 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
7445510 WURTH-7445510 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
7445610 WURTH-7445610 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
7445640 WURTH-7445640 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
74457006 WURTH-74457006 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74458122 WURTH-74458122 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74458168 WURTH-74458168 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74457008 WURTH-74457008 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457010 WURTH-74457010 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457027 WURTH-74457027 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457115 WURTH-74457115 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com