전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G98 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74AUP1G98
상세설명  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G98 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AUP1G98 Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 10Page - Fairchild Semiconductor 74AUP1G98 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G98 • Rev. 1.0.4
7
AC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=25°C
TA=-40 to 85°C
Units Figure
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation
Delay
0.80
CL=5pF, RL=1MΩ
25.3
ns
Figure 10
Figure 11
1.10
≤ VCC ≤ 1.30
2.9
8.7
12.9
2.7
13.2
1.40
≤ VCC ≤ 1.60
2.4
5.1
7.7
2.4
8.3
1.65
≤ VCC ≤ 1.95
2.2
4.4
6.3
1.9
7.0
2.30
≤ VCC ≤ 2.70
2.0
3.5
4.8
1.8
5.4
3.00
≤ VCC ≤ 3.60
1.5
3.1
4.2
1.5
4.5
0.80
CL=10pF,
RL=1MΩ
26.7
1.10
≤ VCC ≤ 1.30
3.3
8.5
14.5
3.0
15.1
1.40
≤ VCC ≤ 1.60
2.7
5.8
8.8
2.8
9.5
1.65
≤ VCC ≤ 1.95
2.5
4.7
7.2
2.3
8.0
2.30
≤ VCC ≤ 2.70
1.9
3.6
5.3
1.9
5.9
3.00
≤ VCC ≤ 3.60
1.5
3.1
4.7
1.5
4.9
0.80
CL=15pF,
RL=1MΩ
29.8
1.10
≤ VCC ≤ 1.30
3.6
9.9
16.1
3.3
16.9
1.40
≤ VCC ≤ 1.60
3.0
6.2
9.7
3.1
10.5
1.65
≤ VCC ≤ 1.95
2.8
5.3
7.9
2.5
8.9
2.30
≤ VCC ≤ 2.70
2.5
4.1
5.9
2.5
6.6
3.00
≤ VCC ≤ 3.60
1.7
3.3
5.2
1.7
5.5
0.80
CL=30pF,
RL=1MΩ
27.5
1.10
≤ VCC ≤ 1.30
3.4
9.1
18.5
3.4
19.0
1.40
≤ VCC ≤ 1.60
3.1
5.7
10.5
3,1
11.0
1.65
≤ VCC ≤ 1.95
2.7
4.7
8.7
2.7
9.5
2.30
≤ VCC ≤ 2.70
1.7
3.5
6.5
1.7
7.1
3.00
≤ VCC ≤ 3.60
1.3
3.0
5.6
1.3
6.3
CIN
Input
Capacitance
0
2.1
pF
COUT
Output
Capacitance
0
3.0
pF
CPD
Power
Dissipation
Capacitance
0.80
VIN=0V or VCC,
f=10MHz
1.7
pF
1.10
≤ VCC ≤ 1.30
1.8
1.40
≤ VCC ≤ 1.60
1.81
1.65
≤ VCC ≤ 1.95
1.84
2.30
≤ VCC ≤ 2.70
2.1
3.00
≤ VCC ≤ 3.60
2.5


유사한 부품 번호 - 74AUP1G98

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G98 NXP-74AUP1G98 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 03-29 June 2009
logo
Diodes Incorporated
74AUP1G98 DIODES-74AUP1G98 Datasheet
619Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G98 ONSEMI-74AUP1G98 Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.4
logo
Nexperia B.V. All right...
74AUP1G98 NEXPERIA-74AUP1G98 Datasheet
293Kb / 19P
   Low-power configurable multiple function gate
Rev. 10 - 24 January 2022
logo
ON Semiconductor
74AUP1G98FHX ONSEMI-74AUP1G98FHX Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.4
More results

유사한 설명 - 74AUP1G98

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com