전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX04M 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 74LCX04M
상세설명  Low Voltage Hex Inverter with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX04M 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX04M_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 11Page - Fairchild Semiconductor 74LCX04M_08 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX04 Rev. 1.6.0
8
Tape and Reel Specification
Tape Format for DQFN
Tape Dimensions inches (millimeters)
Reel Dimensions inches (millimeters)
Package Designator
Tape Section
Number of Cavities
Cavity Status
Cover Tape Status
BQX
Leader (Start End)
125 (Typ.)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typ.)
Empty
Sealed
Tape Size
A
B
C
D
N
W1
W2
12mm
13.0 (330.0)
0.059 (1.50)
0.512 (13.00)
0.795 (20.20)
2.165 (55.00)
0.488 (12.4)
0.724 (18.4)


유사한 부품 번호 - 74LCX04M_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX04MTC FAIRCHILD-74LCX04MTC Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04MTC ONSEMI-74LCX04MTC Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04MTCX FAIRCHILD-74LCX04MTCX Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
74LCX04MTCX_NL FAIRCHILD-74LCX04MTCX_NL Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
More results

유사한 설명 - 74LCX04M_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com