전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX245MSA 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74LCX245MSA
상세설명  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX245MSA 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74LCX245MSA_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX245MSA_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX245 Rev. 1.11.0
February 2008
74LCX245
Low Voltage Bidirectional Transceiver with 5V Tolerant
Inputs and Outputs
Features
5V tolerant inputs and outputs
2.3V to 3.6V VCC specifications provided
7.0ns tPD max. (VCC = 3.3V), 10µA ICC max.
Power down high impedance inputs and outputs
Supports live insertion/withdrawal(1)
±24mA output drive (VCC = 3.0V)
Latch-up performance exceeds 500mA
ESD performance:
– Human body model
> 2000V
– Machine model
> 200V
Leadless DQFN package
Note:
1. To ensure the high-impedance state during power up
or down, OE should be tied to VCC through a pull-up
resistor: the minimum value or the resistor is
determined by the current-sourcing capability of the
driver.
General Description
The LCX245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus
oriented applications. The device is designed for low
voltage (2.5V and 3.3V) VCC applications with capability
of interfacing to a 5V signal environment. The T/R input
determines the direction of data flow through the device.
The OE input disables both the A and B ports by placing
them in a high impedance state.
The LCX245 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Note:
2. DQFN package available in Tape and Reel only.
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LCX245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX245BQX(2)
MLP20B
20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN),
JEDEC MO-241, 2.5 x 4.5mm
74LCX245MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Implements proprietary noise/EMI reduction circuitry


유사한 부품 번호 - 74LCX245MSA_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX245MSAX FAIRCHILD-74LCX245MSAX Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results

유사한 설명 - 74LCX245MSA_08

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com