전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVTH2245WM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVTH2245WM
상세설명  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH2245WM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVTH2245WM_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH2245WM_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT2245, 74LVTH2245 Rev. 1.5.0
4
DC Electrical Characteristics
Notes:
2. Applies to Bushold versions only (74LVTH2245).
3. An external driver must source at least the specified current to switch from LOW-to-HIGH.
4. An external driver must sink at least the specified current to switch from HIGH-to-LOW.
5. This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to +85°C
Units
Min.
Max.
VIK
Input Clamp Diode Voltage
2.7
II = –18mA
–1.2
V
VIH
Input HIGH Voltage
2.7–3.6
VO ≤ 0.1V or
VO ≥ VCC – 0.1V
2.0
V
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VOH
Output HIGH Voltage A Port
2.7
IOH = –8mA
2.4
V
3.0
IOH = –32mA
2.0
B Port
3.0
IOH = –12mA
2.0
2.7–3.6
IOH = –100µA
VCC–0.2
VOL
Output LOW Voltage
A Port
2.7
IOL = 24mA
0.5
V
3.0
IOL = 16mA
0.4
3.0
IOL = 32mA
0.5
3.0
IOL = 64mA
0.55
B Port
3.0
IOL = 12mA
0.8
2.7
IOL = 100µA
0.2
II(HOLD)
(2)
Bushold Input Minimum Drive
3.0
VI = 0.8V
75
µA
VI = 2.0V
–75
II(OD)
(2)
Bushold Input Over-Drive Current to
Change State
3.0
(3)
500
µA
(4)
–500
II
Input Current
3.6
VI = 5.5V
10
µA
Control Pins
3.6
VI = 0V or VCC
±1
Data Pins
3.6
VI = 0V
–5
VI = VCC
1
IOFF
Power Off Leakage Current
0
0V
≤ V
I or VO ≤ 5.5V
±100
µA
IPU/PD
Power Up/Down, 3-STATE Current
0–1.5
VO = 0.5V to 3.0V,
VI = GND or VCC
±100
µA
IOZL
3-STATE Output Leakage Current
3.6
VO = 0.5V
–5
µA
IOZL
(2)
3-STATE Output Leakage Current
3.6
VO = 0.0V
–5
µA
IOZH
3-STATE Output Leakage Current
3.6
VO = 3.0V
5
µA
IOZH
(2)
3-STATE Output Leakage Current
3.6
VO = 3.6V
5
µA
IOZH+
3-STATE Output Leakage Current
3.6
VCC < VO ≤ 5.5V
10
µA
ICCH
Power Supply Current
3.6
Outputs High
0.19
mA
ICCL
Power Supply Current
3.6
Outputs Low
5
mA
ICCZ
Power Supply Current
3.6
Outputs Disabled
0.19
mA
ICCZ+Power Supply Current
3.6
VCC ≤ VO ≤ 5.5V, Outputs
Disabled
0.19
mA
∆I
CC
Increase in Power Supply Current(5)
3.6
One Input at VCC – 0.6V,
Other Inputs at VCC or GND
0.2
mA


유사한 부품 번호 - 74LVTH2245WM_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH2245WMX FAIRCHILD-74LVTH2245WMX Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
More results

유사한 설명 - 74LVTH2245WM_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVT2245 FAIRCHILD-74LVT2245 Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com