전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX04 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVX04
상세설명  Low Voltage Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX04 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVX04_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX04_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX04 Rev. 1.4.0
4
AC Electrical Characteristics
Note:
3. Parameter guaranteed by design tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|
Capacitance
Note:
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load.
Average operating current can be obtained by the eqation: ICC(opr.) =
Symbol
Parameter
VCC (V)
CL (pF)
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay Time
2.7
15
5.4
10.1
1.0
12.5
ns
50
7.9
13.6
1.0
16.0
3.3 ± 0.3
15
4.1
6.2
1.0
7.5
50
6.6
9.7
1.0
11.0
tOSLH, tOSHL Output to Output Skew
(3)
2.7
50
1.5
1.5
ns
3.3
1.5
1.5
Symbol
Parameter
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance(4)
18
pF
C
PD
V
CC
f
IN
I
CC
×
×
×
6per Gate
,
()
---------------------------------------------------------


유사한 부품 번호 - 74LVX04_08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
More results

유사한 설명 - 74LVX04_08

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVQ04 FAIRCHILD-74LVQ04 Datasheet
60Kb / 5P
   Low Voltage Hex Inverter
74LVX04 FAIRCHILD-74LVX04 Datasheet
62Kb / 6P
   Low Voltage Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com