전자부품 데이터시트 검색엔진 |
|
74457147 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74457147 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung : description : I Rollenspezifikation / tape and reel specification: A 15,5 ± 0,1 mm B 20,0 ± 0,1 mm C 2,00 min. mm D 1,55 ± 0,05 mm E 4,00 ± 0,1 mm F 2,00 ± 0,1 mm G 1,75 ± 0,1 mm H 14,2 ± 0,1 mm I 7,95 ± 0,1 mm J 22,4 ± 0,1 mm T 0,50 ± 0,05 mm W 32,0 ± 0,3 mm a 330,0 ± 2,0 mm b 21,00 ± 0,8 mm c 13,00 ± 0,5 mm d 100,0 ± 2,0 mm MST 2004-10-11 Name Datum / date Rollenspezifikation / Reel specification: Änderung / modification Version 1 http://www.we-online.com Geprüft / checked Kontrolliert / approved Würth Elektronik eiSos GmbH & Co.KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Würth Elektronik ............................................................................ ........................................................ ............................................................................ .................................................................................. Datum / date Unterschrift / signature Gurtspezifikation / Tape specification: Freigabe erteilt / general release: Kunde / customer SMD-SPEICHERDROSSEL WE-PD 4 POWER-CHOKE WE-PD 4 DATUM / DATE : 2004-10-11 Artikelnummer / part number : 74457147 Spezifikation für Freigabe / specification for release Kunde / customer : øD A B H W G F E C I J T Ø c a d b feeding direction 150° The force for tearing off cover tape is 20 to 70 grams in arrow direction This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage. RoHS compliant LF SEITE 3 VON 3 |
유사한 부품 번호 - 74457147 |
|
유사한 설명 - 74457147 |