전자부품 데이터시트 검색엔진 |
|
74VHC86MTC 데이터시트(PDF) 6 Page - Fairchild Semiconductor |
|
74VHC86MTC 데이터시트(HTML) 6 Page - Fairchild Semiconductor |
6 / 10 page ©1992 Fairchild Semiconductor Corporation www.fairchildsemi.com 74VHC86 Rev. 1.4.0 6 Physical Dimensions Figure 1. 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ LAND PATTERN RECOMMENDATION NOTES: UNLESS OTHERWISE SPECIFIED A) THIS PACKAGE CONFORMS TO JEDEC MS-012, VARIATION AB, ISSUE C, B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS DO NOT INCLUDE MOLD FLASH OR BURRS. D) LANDPATTERN STANDARD: SOIC127P600X145-14M E) DRAWING CONFORMS TO ASME Y14.5M-1994 F) DRAWING FILE NAME: M14AREV13 PIN ONE INDICATOR 8 ° 0 ° SEATING PLANE DETAIL A SCALE: 20:1 GAGE PLANE 0.25 X45 ° 1 0.10 C C B C A 7 M 14 B A 8 SEE DETAIL A 5.60 0.65 1.70 1.27 8.75 8.50 7.62 6.00 4.00 3.80 (0.33) 1.27 0.51 0.35 1.75 MAX 1.50 1.25 0.25 0.10 0.25 0.19 (1.04) 0.90 0.50 0.36 R0.10 R0.10 0.50 0.25 |
유사한 부품 번호 - 74VHC86MTC_08 |
|
유사한 설명 - 74VHC86MTC_08 |