전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHCT573AM 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74VHCT573AM
상세설명  Octal D-Type Latch with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT573AM 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74VHCT573AM_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT573AM_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT573A Rev. 1.3
5
AC Electrical Characteristics
Notes:
7. Parameter guaranteed by design. tOSLH = |tPLH max – tPLH min|; tOSHL = |tPHL max – tPHL min|
8. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fIN + ICC / 8 (per F/F). The total CPD when n pcs. of the Latch operates can be
calculated by the equation: CPD(total) = 14 + 13n.
AC Operating Requirements
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C
to +85°C
Units
Min.
Typ. Max. Min. Max.
tPLH, tPHL
Propagation Delay
Time (LE to On)
5.0 ± 0.5
CL = 15pF
7.7
12.3
1.0
13.5
ns
CL = 50pF
8.5
13.3
1.0
14.5
tPLH, tPHL
Propagation Delay
Time (D to On)
5.0 ± 0.5
CL = 15pF
5.1
8.5
1.0
9.5
ns
CL = 50pF
5.9
9.5
1.0
10.5
tPZL, tPZH
3-STATE Output
Enable Time
5.0 ± 0.5 RL = 1kΩ CL = 15pF
6.3
10.9
1.0
12.5
ns
CL = 50pF
7.1
11.9
1.0
13.5
tPLZ, tPHZ
3-STATE Output
Disable Time
5.0 ± 0.5 RL = 1kΩ CL = 50pF
8.8
11.2
1.0
12.0
ns
tOSLH, tOSHL Output to Output
Skew
5.0 ± 0.5 (7)
1.0
1.0
ns
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
6
pF
CPD
Power Dissipation
Capacitance
(8)
25
pF
Symbol
Parameter
VCC (V)
TA = +25°C
TA = –40°C to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tW(H)
Minimum Pulse Width (LE)
5.0 ± 0.5
6.5
8.5
ns
tS
Minimum Set-Up Time
5.0 ± 0.5
1.5
1.5
ns
tH
Minimum Hold Time
5.0 ± 0.5
3.5
3.5
ns


유사한 부품 번호 - 74VHCT573AM_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHCT573AMTC FAIRCHILD-74VHCT573AMTC Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHCT573AMTC ONSEMI-74VHCT573AMTC Datasheet
266Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT573AMTCX FAIRCHILD-74VHCT573AMTCX Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
STMicroelectronics
74VHCT573AMTR STMICROELECTRONICS-74VHCT573AMTR Datasheet
74Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHCT573AMX FAIRCHILD-74VHCT573AMX Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
More results

유사한 설명 - 74VHCT573AM_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com