전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

FPX3 데이터시트(Datasheet) 5 Page - Radiometrix Ltd

부품명 FPX3
상세내용  High power Multichannel 869MHz band transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo 

   
 5 page
background image
Radiometrix Ltd
FPX3 Data Sheet (preliminary)
page 5
Condensed specifications (All details are provisional)
Frequency
868 – 870MHz (EU), 865 - 867MHz (India)
Frequency stability
+/-5ppm (better than ±5kHz)
Channel spacing
100kHz
Number of channels
8 maximum
FPX3-869-20 for EU
CH0: 869.475MHz, CH1-CH3: 869.565MHz
CH4-CH7=869.50MHz for backward compatibility
FPX3-869-10 for EU
CH0:869.450MHz, CH1:869.500MHz, CH2:869.550MHz,
CH3:869.600MHz, CH4-CH7=869.50MHz for backward compatibility
FPX3-866-10 or FPX3-866-20 for India
CH0 = 865.143 MHz
CH1 = 865.294 MHz
CH2 = 865.500 MHz
CH3 = 865.789 MHz
CH4 = 866.047 MHz
CH5 = 866.383 MHz
CH6 = 866.531 MHz
CH7 = 866.829 MHz
Supply
Receive
5.0V regulated at 50mA
Transmit:
5.0V regulated at 500mA for 400mW output
Operating temperature
-20 to +70
οC (Storage -30 to +70 οC)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3 (EU)
Interface
User
11 pin 0.1" pitch molex
RF and TX supply
5 pin 0.1" pitch molex
Recommended PCB hole size
1.2mm (min.)
Size
67 x 30 x 12mm
Transmitter
Output power
400mW (+26dBm)
TX on switching time
5 ms
Modulation type
FM, FSK (F1D, F3D)
TX modulation bandwidth
DC – 10kHz
Peak FM Deviation
±8kHz nominal (FPX3-xxx-10)
±16kHz nominal (FPX3-xxx-20)
Adjacent channel TX power
-37dBm
TX spurii
<-36dBm
Inputs
5V pk-pk CMOS data
Receiver
Sensitivity
-117dBm for 12dB SINAD at 1KHz (FPX3-xxx-10)
-115dBm for 12dB SINAD at 1KHz (FPX3-xxx-20)
-107dBm for <0.1% data errors (20Kbit/sec NRZ)
image / spurious
-55dB
blocking
-80dB
adjacent channel
-60dB (Tested per. ETSI 300-220-2.3.1)
Outputs
RSSI, Audio, Data
Ordering Information
Part No.
Description
Frequency band (MHz)
FPX3-869-10
10kbps, 4-channel EU version
869.40 – 869.65 MHz
FPX3-869-20
20kbps, 2-cannnel EU version
869.40 – 869.65 MHz
FPX3-866-10-IND
10kbps, 8-channel Indian version
865 – 867 MHz
FPX3-866-20-IND
20kbps, 8-channel Indian version
865 – 867 MHz




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl