전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

FPX3 데이터시트(Datasheet) 1 Page - Radiometrix Ltd

부품명 FPX3
상세내용  High power Multichannel 869MHz band transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo 

   
 1 page
background image
Radiometrix Ltd
FPX3 Data Sheet (preliminary)
page 1
Features
Conforms to ETSI EN 300 220-3 and EN 301 489-3
Conforms to Indian low power requirements for 865 - 867 MHz band
High performance PLL synthesizer
+26dBm RF power output
Data rates up to 20 kbps for standard module
Usable range over 3km
Fully screened. Low profile
Feature-rich interface (RSSI, analogue and digital baseband)
Re-programmable via RS232 interface
Applications
Asset tracking systems
Industrial telemetry and telecommand
High performance security system
Fire alarms
ROV control applications
High speed data modems
Technical Summary
Operating frequency: 868 – 870MHz (EU), 865 - 867MHz (India)
Maximum of 8 channels (depends on band allocation and data rate)
Transmit power: 400mW (+26dBm) nominal
Supply range: +5V regulated
Current consumption: 500mA (at 400mW output) transmit, 50mA receive
Data bit rate: 20kbps max. (standard module)
Receiver sensitivity: -115dBm for 12dB SINAD (20kbps variant)
-117dBm for 12dB SINAD (10kbps variant)
Size: 67 x 30 x 12mm
Evaluation Platform: Narrow Band Evaluation Kit
FPX3 is a small, high power (half-watt) multi-
channel wide band FM transceiver, operating
in the Europe-wide 869.40 - 869.65MHz sub-
band. It is also available in the Indian licence
free 865-867MHz band (General telemetry and
RFID).
Figure 1: FPX3-869-20
High power Multichannel 869MHz band transceiver
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
Issue 2, 27 July 2012
FPX3




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl