전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1847 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LB1847
상세설명  Monolithic Digital IC PWM Current Control Type Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LB1847_12 Datasheet HTML 1Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 2Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 3Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 4Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 5Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 6Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 7Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 8Page - Sanyo Semicon Device LB1847_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LB1847
No.5982-5/15
Pin Function
Pin No.
Pin name
Function
1
MD
Sets the OFF time for FAST mode and SLOW mode in MIX DECAY.
Setting input range: 4V to 1.5V.
2
13
VREF1
VREF2
Output set current reference supply pin.
Setting voltage range: 0V to 3V.
3
12
CR1
CR2
Output OFF time setting pin for switching operation.
4
11
E1
E2
Pin for controlling the set current with sensing resistor RE.
5
10
DECAY1
DECAY2
SLOW mode/FAST mode selector pin.
DECAY2 SLOW DECAY: H
FAST DECAY: L
6
7
8
9
OUTA
OUTA
OUTB
OUTB
Output pin.
14
VBB
Output stage supply voltage pin.
15
GND
Ground pin.
27
16
PHASE1
PHASE2
Output phase selector input pin
26
17
ENABLE1
ENABLE2
Output ON/OFF setting input pin.
22,23
24,25
21,20
19,18
IA4,IA3
IA2,IA1
IB4,IB3
IB2,IB1
Output set current digital input pin.
15-stage voltage setting.
28
VCC
Logic block supply voltage pin
Truth Table
PHASE
ENABLE
OUTA
OUTA
H
L
H
L
L
L
L
H
H
OFF
OFF
Set Current Truth Table
IA4
IA3
IA2
IA1
Set current Iout
Current ratio
1
1
1
1
11.5/11.5
× VREF/3.04RE = Iout
100
1
1
1
0
11.0/11.5
× VREF/3.04RE = Iout
95.65
1
1
0
1
10.5/11.5
× VREF/3.04RE = Iout
91.30
1
1
0
0
10.0/11.5
× VREF/3.04RE = Iout
86.95
1
0
1
1
9.5/11.5
× VREF/3.04RE = Iout
82.61
1
0
1
0
9.0/11.5
× VREF/3.04RE = Iout
78.26
1
0
0
1
8.5/11.5
× VREF/3.04RE = Iout
73.91
1
0
0
0
8.0/11.5
× VREF/3.04RE = Iout
69.56
0
1
1
1
7.0/11.5
× VREF/3.04RE = Iout
60.87
0
1
1
0
6.0/11.5
× VREF/3.04RE = Iout
52.17
0
1
0
1
5.0/11.5
× VREF/3.04RE = Iout
43.48
0
1
0
0
4.0/11.5
× VREF/3.04RE = Iout
34.78
0
0
1
1
3.0/11.5
× VREF/3.04RE = Iout
26.08
0
0
1
0
2.0/11.5
× VREF/3.04RE = Iout
17.39
* Current ratio (%) is the calculated set current value.
Current Decay Switching Truth Table
Current decay mode
DECAY pin
MD pin
Output chopping
SLOW DECAY
H
L
Upper-side chopping
FAST DECAY
L
L
Dual-side chopping
MIX DECAY
L
4V to 1.5V input
voltage setting
CR voltage > MD: dual-side chopping
CR voltage < MD: upper-side chopping


유사한 부품 번호 - LB1847_12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
More results

유사한 설명 - LB1847_12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB1947VC SANYO-LB1947VC Datasheet
139Kb / 11P
   Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
LB11948T SANYO-LB11948T Datasheet
248Kb / 12P
   Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com