전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-220-E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 STK672-220-E
상세설명  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-220-E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button STK672-220-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-220-E Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK672-220-E
No.7465-9/10
When operations of the MOSFET built into STK672-2** Series ICs is turned off for constant current chopping,
the ID signal falls like the waveform shown in the figure above. At this time, the output voltage, VDS, suddenly
rises due to electromagnetic induction generated by the motor coil.
In the case of voltage that rises suddenly, voltage is restricted by the MOSFET VDSS. Voltage restriction by
VDSS results in a MOSFET avalanche. During avalanche operations, ID flows and the instantaneous energy at
this time, EAVL1, is represented by Equation (1).
EAVL1=VDSS×IAVL×0.5×tAVL ------------------------------------------- (1)
VDSS: V units, IAVL: A units, tAVL: sec units
The coefficient 0.5 in Equation (1) is a constant required to convert the IAVL triangle wave to a
square wave.
During STK672-2** Series operations, the waveforms in the figure above repeat due to the constant current
chopping operation. The allowable avalanche energy, EAVL, is therefore represented by Equation (2) used to find
the average power loss, PAVL, during avalanche mode multiplied by the chopping frequency in Equation (1).
PAVL=VDSS×IAVL×0.5×tAVL×fc ------------------------------------------- (2)
fc: Hz units (fc is set to the PWM frequency of 50kHz.)
For VDSS, IAVL, and tAVL, be sure to actually operate the STK672-2** Series and substitute values when
operations are observed using an oscilloscope.
Ex. If VDSS=110V, IAVL=1A, tAVL=0.2μs when using a STK672-220-E driver, the result is:
PAVL=110
×1×0.5×0.2×10-6×50×103=0.55W
VDSS=110V is a value actually measured using an oscilloscope.
The allowable loss range for the allowable avalanche energy value, PAVL, is shown in the graph in Figure 3.
When examining the avalanche energy, be sure to actually drive a motor and observe the ID, VDSS, and tAVL
waveforms during operation, and then check that the result of calculating Equation (2) falls within the allowable
range for avalanche operations.
[ID and VDSS Operating Waveforms in Non-avalanche Mode]
Although the waveforms during avalanche mode are given in Figure 1, sometimes an avalanche does not result during
actual operations.
Factors causing avalanche are listed below.
• Poor coupling of the motor’s phase coils (electromagnetic coupling of A phase and AB phase, B phase and
BB phase).
• Increase in the lead inductance of the harness caused by the circuit pattern of the P.C. board and motor.
• Increases in VDSS, tAVL, and IAVL in Figure 1 due to an increase in the supply voltage from 24V to 36V.
If the factors above are negligible, the waveforms shown in Figure 1 become waveforms without avalanche as
shown in Figure 2.
Under operations shown in Figure 2, avalanche does not occur and there is no need to consider the allowable loss
range of PAVL shown in Figure 3.
Figure 2 Output Current, ID, and Voltage, VDS, Waveforms 2 of the STK672-2** Series when Driving a
2-Phase Stepping Motor with Constant Current Chopping
VDS
ID
ITF02558
IOH: Motor current peak value


유사한 부품 번호 - STK672-220-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

유사한 설명 - STK672-220-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Sanyo Semicon Device
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 2.8A
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com