전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-442B-E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 STK672-442B-E
상세설명  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-442B-E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button STK672-442B-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
STK672-442B-E
No.A1735-9/24
1-2-phase excitation timing charts (M3=0)
W1-2-phase excitation timing charts (M3=0)
2W1-2-phase excitation timing charts (M3=0)
4W1-2-phase excitation timing charts (M3=0)
A phase
A phase
B phase
B phase
A phase
A phase
B phase
B phase
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
71%
100%
71%
Vref
Vref
0
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
1
100%
92%
71%
40%
92%
40%
100%
71%
Vref
Vref
0
B
MOI
ITF02585
ITF02584
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
1
100%
92%
83%
97%
71%
55%
40%
20%
Vref
0
100%
92%
83%
97%
71%
55%
40%
20%
Vref
B
MOI
ITF02586
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
1
1
100%
95%
88%
77%
64%
97%
92%
83%
71%
55%
47%
40%
30%
20%
11%
Vref
0
B
MOI
ITF02587
100%
95%
88%
77%
64%
97%
92%
83%
71%
55%
47%
40%
30%
20%
11%
Vref


유사한 부품 번호 - STK672-442B-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

유사한 설명 - STK672-442B-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com