전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN21SV06 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN21SV06
상세설명  TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN21SV06_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 14Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.3
11
Typical Performance Characteristics (Continued)
Typical operating characteristics using the circuit shown in Figure 10, unless otherwise specified.
1.8V_Eff 8-24V_600Khz
70
75
80
85
90
95
01
234
56
Load (A)
8V
12V
16V
20V
24V
3.3V_Eff 8-24V_600Khz
70
75
80
85
90
95
01
234
56
Load (A)
8V
12V
16V
20V
24V
Figure 24. 1.8 VOUT Efficiency 600 KHz
Figure 25. 3.3 VOUT Efficiency 600 KHz
5V_Eff12-24V_300Khz
70
75
80
85
90
95
01
23
45
6
Load (A)
12V
16V
20V
24V
5V_PWRLOSS_12-24V_300Khz
0
0.5
1
1.5
2
2.5
3
0
123
45
6
Load (A)
12V
16V
20V
24V
Figure 26. 5 VOUT Efficiency 300 KHz
(Circuit Values Change)
Figure 27. Device Power Loss (5 VOUT, 300 KHz)
(Circuit Values Change)
1.8V_Eff, 12V Input
70
75
80
85
90
95
0
1
23
45
6
Load (A)
300Khz
400Khz
500Khz
600Khz
Vout Vs Load Current
Input Voltage = 20V
Temperature rise = 80DegC
0
1
2
3
4
5
6
7
01
23
4
5
67
89
10
11
12
13
Vout (V)
20Vin_500Khz
20Vin_600Khz
Figure 28. 1.8 VOUT Efficiency Over fSW
(Circuit Values Change)
Figure 29. Typical Output Operating Area Based on
Thermal Limitations (Circuit Values Change)
Using DR1050-2R2-R
Inductor from Cooper
Using DR1050-2R2-R
Inductor from Cooper


유사한 부품 번호 - FAN21SV06_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN21SV06EMPX FAIRCHILD-FAN21SV06EMPX Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN21SV06MPX FAIRCHILD-FAN21SV06MPX Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results

유사한 설명 - FAN21SV06_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com