전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2103MPX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN2103MPX
상세설명  3 A, 24 V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103MPX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2103MPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 • Rev. 1.0.8
6
Electrical Specifications (Continued)
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Control Functions
EN Threshold, Rising
1.35
2.00
V
EN Hysteresis
250
mV
EN Pull-up Resistance
800
K
Ω
EN Discharge Current
Auto-restart Mode
1
µA
FB OK Drive Resistance
800
Ω
PGOOD Threshold
(Compared to VREF)
FB < VREF
-14
-11
-8
%VREF
FB > VREF
+7
+10
+13
%VREF
PGOOD Output Low
IOUT < 2 mA
0.4
V


유사한 부품 번호 - FAN2103MPX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2103MPX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
   3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Texas Instruments
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com