전자부품 데이터시트 검색엔진 |
|
FAN2106 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
FAN2106 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 15 page November 2012 © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN2106 • Rev. 1.1.2 FAN2106 — TinyBuck™ 3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator Features 6 A Output Current Wide Input Range: 3 V - 24 V Output Voltage Range: 0.8 V to 80% V IN Over 95% Peak Efficiency 1% Reference Accuracy Over Temperature Programmable Frequency Operation: 200 KHz to 600 KHz Fully Synchronous Operation with Integrated Schottky Diode on Low-Side MOSFET Boosts Efficiency Internal Bootstrap Diode Internal Soft-Start Power-Good Signal Starts on Pre-Biased Outputs Accepts Ceramic Capacitors on Output External Compensation for Flexible Design Programmable Current Limit Under-Voltage, Over-Voltage, and Thermal Protections 5x6 mm, 25-Pin, 3-Pad MLP Package Applications Servers & Telecom Graphics Cards & Displays Computing Systems Point-of-Load Regulation Set-Top Boxes & Game Consoles Description The FAN2106 TinyBuck™ is a highly efficient, small- footprint, constant-frequency, 6 A, integrated synchronous buck regulator. The FAN2106 contains both synchronous MOSFETs and a controller/driver with optimized interconnects in one package, which enables designers to solve high- current requirements in a small area with minimal external components. Integration helps to minimize critical inductances, making component layout simpler and more efficient compared to discrete solutions. The FAN2106 provides for external loop compensation, programmable switching frequency, and current limit. These features allow design flexibility and optimization. High-frequency operation allows for all-ceramic solutions. The summing current-mode modulator uses lossless current sensing for current feedback and over-current protection. Voltage feedforward helps operation over a wide input voltage range. Fairchild’s advanced BiCMOS power process, combined with low-RDS(ON) internal MOSFETs and a thermally efficient MLP package, provide the ability to dissipate high power in a small package. Output over-voltage, under-voltage, over-current, and thermal shutdown protections help protect the device from damage during fault conditions. FAN2106 prevents pre-biased output discharge during startup in point-of-load applications. Related Resources AN-8022 — TinyCalc™ Calculator User Guide TinyCalc™ Calculator Design Tool Ordering Information Part Number Operating Temperature Range Package Packing Method FAN2106MPX -10°C to 85°C Molded Leadless Package (MLP) 5x6 mm Tape and Reel FAN2106EMPX -40°C to 85°C Molded Leadless Package (MLP) 5x6 mm Tape and Reel |
유사한 부품 번호 - FAN2106_12 |
|
유사한 설명 - FAN2106_12 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |