전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN53611AUC11X 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN53611AUC11X
상세설명  6 MHz 600 mA / 1 A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53611AUC11X 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN53611AUC11X Datasheet HTML 1Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 2Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 3Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 4Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 5Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 6Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 7Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 8Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2012
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53601 / FAN53611 • Rev. 1.0.1
FAN53601 / FAN53611
6 MHz 600 mA / 1 A Synchronous Buck Regulator
Features
600 mA or 1 A Output Current Capability
24 µA Typical Quiescent Current
6 MHz Fixed-Frequency Operation
Best-in-Class Load Transient Response
Best-in-Class Efficiency
2.3 V to 5.5 V Input Voltage Range
0.8 V to 2 V Fixed Output Voltage
Low Ripple Light-Load PFM Mode
Forced PWM and External Clock Synchronization
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
Optional Output Discharge
6-Bump WLCSP, 0.4 mm Pitch
Applications
6-Bump WLCSP, 0.4mm Pitch
3G, 4G, WiFi®, WiMAX™, and WiBro® Data Cards
Tablets
DSC, DVC
Netbooks®, Ultra-Mobile PCs
All trademarks are the property of their respective owners.
Description
The FAN53601/11 is a 6 MHz, step-down switching voltage
regulator, available in 600 mA or 1 A options, that delivers a
fixed output from an input voltage supply of 2.3 V to 5.5 V.
Using
a
proprietary
architecture
with
synchronous
rectification, the FAN53601/11 is capable of delivering a
peak efficiency of 92%, while maintaining efficiency over
80% at load currents as low as 1 mA.
The regulator operates at a nominal fixed frequency of
6 MHz, which reduces the value of the external components
to as low as 470 nH for the output inductor and 4.7 µF for the
output capacitor. In addition, the Pulse Width Modulation
(PWM) modulator can be synchronized to an external
frequency source.
At moderate and light loads, Pulse Frequency Modulation
(PFM) is used to operate the device in Power-Save Mode
with a typical quiescent current of 24 µA. Even with such a
low quiescent current, the part exhibits excellent transient
response during large load swings. At higher loads, the
system automatically switches to fixed-frequency control,
operating at 6 MHz. In Shutdown Mode, the supply current
drops below 1 µA, reducing power consumption. For
applications that require minimum ripple or fixed frequency,
PFM Mode can be disabled using the MODE pin.
The FAN53601/11 is available in 6-bump, 0.4 mm pitch,
Wafer-Level Chip-Scale Package (WLCSP).
Figure 1. Typical Application
Ordering Information
Part Number
Output
Voltage
(1)
Max. Output
Current
Active
Discharge
(2)
Package
Temperature
Range
Packing
FAN53611AUC11X
1.100 V
1 A
Yes
WLCSP-6,
0.4 mm Pitch
–40 to +85°C
Tape and
Reel
FAN53611UC123X
1.233 V
1 A
No
FAN53601UC182X
1.820 V
600 mA
No
Notes:
1.
Other voltage options available on request. Contact a Fairchild representative.
2.
All voltage and output current options are available with or without active discharge. Contact a Fairchild representative.
SW
MODE
GND
EN
L1
CIN
2.2 F
470nH
C2
B2
A2
C1
B1
A1
FB
F
COUT
VIN


유사한 부품 번호 - FAN53611AUC11X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN53611AUC11X ONSEMI-FAN53611AUC11X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
More results

유사한 설명 - FAN53611AUC11X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com