전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCD9N60NTM 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FCD9N60NTM
상세설명  N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD9N60NTM 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FCD9N60NTM Datasheet HTML 1Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 2Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 3Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 4Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 5Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 6Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 7Page - Fairchild Semiconductor FCD9N60NTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2010
©20010 Fairchild Semiconductor Corporation
FCD9N60NTM Rev. A
www.fairchildsemi.com
1
Supr
eMOSTM
FCD9N60NTM
N-Channel MOSFET
600V, 9A, 0.385m
Ω
Features
•RDS(on) = 0.330Ω ( Typ.)@ VGS = 10V, ID = 4.5A
• Ultra Low Gate Charge (Typ.Qg = 17.8nC)
• Low Effective Output Capacitance
• 100% Avalanche Tested
• RoHS Compliant
Description
The SupreMOS MOSFET, Fairchild’s next generation of high
voltage super-junction MOSFETs, employs a deep trench filling
process that differentiates it from preceding multi-epi based tech-
nologies. By utilizing this advance technology and preci
se process
control, Supr
eMOS provide world class Rsp, superior switching
performance and ruggedness.
This SupreMOS MOSFET fits the industry’s AC-DC SMPS
requirements for PFC, server/telecom power, FPD TV power,
ATX power, and industrial power applications.
D
G
S
G
S
D
D-PAK
(TO-252)
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FCD9N60N
Units
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25oC)
9.0
A
-Continuous (TC = 100oC)
5.7
IDM
Drain Current
- Pulsed
(Note 1)
27
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
135
mJ
IAR
Avalanche Current
9.0
A
EAR
Repetitive Avalanche Energy
9.3
mJ
dv/dt
MOSFET dv/dt Ruggedness
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
15
PD
Power Dissipation
(TC = 25oC)
92.6
W
- Derate above 25oC0.74
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCD9N60N
Units
RθJC
Thermal Resistance, Junction to Case
1.35
oC/W
RθJA
Thermal Resistance, Junction to Ambient
62.5
*Drain current limited by maximum junction temperature


유사한 부품 번호 - FCD9N60NTM

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FCD9N60NTM ISC-FCD9N60NTM Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FCD9N60NTM

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com