전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1507-0000-000N00F227H 데이터시트(PDF) 5 Page - Cree, Inc

부품명 CXA1507-0000-000N00F227H
상세설명  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00F227H 데이터시트(HTML) 5 Page - Cree, Inc

  CXA1507-0000-000N00F227H Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00F227H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
5
XLamp CXa1507 LED
fluX characteristics, standard order codes and bins, 80 cri (i
f = 200 ma, tJ= 85 °c)
The following tables provide order codes for XLamp CXA1507 80 CRI minimum LeDs. For a complete description of the
order code nomenclature, please reference Bin and order Code Formats (page 13).
color
cct
range
base order codes
min. luminous flux
@ 200 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
5000K
e4
635
709
50H
CXA1507-0000-000N0He450H
50F
CXA1507-0000-000N0He450F
F2
680
759
CXA1507-0000-000N0HF250H
CXA1507-0000-000N0HF250F
F4
730
815
CXA1507-0000-000N0HF450H
CXA1507-0000-000N0HF450F
4000K
F2
680
759
40H
CXA1507-0000-000N0HF240H
40F
CXA1507-0000-000N0HF240F
F4
730
815
CXA1507-0000-000N0HF440H
CXA1507-0000-000N0HF440F
color
cct
range
base order codes
min luminous flux
@ 200 ma
chromaticity regions
order code
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
ANSI white
5000K
e4
635
709
3A0, 3B0, 3C0, 3D0
CXA1507-0000-000N0He40e3
F2
680
759
CXA1507-0000-000N0HF20e3
F4
730
815
CXA1507-0000-000N0HF40e3
4000K
F2
680
759
5A0, 5B0, 5C0, 5D0
CXA1507-0000-000N0HF20e5
F4
730
815
CXA1507-0000-000N0HF40e5
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for high CRI color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 80.
*
Flux values @ 25 °C are calculated and for reference only.


유사한 부품 번호 - CXA1507-0000-000N00F227H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507-0000-000N00F227H CREE-CXA1507-0000-000N00F227H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00F227H CREE-CXA1507-0000-000N00F227H Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

유사한 설명 - CXA1507-0000-000N00F227H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com