전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74477124 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74477124
상세설명  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74477124 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74477124 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477124 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477124 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
12,7 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,2
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
12,7 ± 0,1
mm
J
6,20 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
SST
05-06-22
MST
04-10-11
MST
03-12-10
RT
03-03-03
MST
02-03-27
JH
00-12-06
Name
Datum / date
Version 5
Version 6
Version 1
Version 2
Version 3
Version 4
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Änderung / modification
Würth Elektronik
.................................................
...........................................................
.................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
c
13,00
mm
Dmm
1,50
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
74477124
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
DATUM / DATE : 2005-06-22
J
I
T
Ø c
a
d
b
A
B
C
H
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear
control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required
or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or
performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
xxx
xxx
SEITE 3 VON 3


유사한 부품 번호 - 74477124

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744771247W WURTH-744771247W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results

유사한 설명 - 74477124

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com