전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD390N15ALZ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDD390N15ALZ
상세설명  N-Channel PowerTrench짰 MOSFET 150V, 26A, 42m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD390N15ALZ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDD390N15ALZ Datasheet HTML 1Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 2Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 3Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 4Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 5Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 6Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 7Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 8Page - Fairchild Semiconductor FDD390N15ALZ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2012
©2012 Fairchild Semiconductor Corporation
FDD390N15ALZ Rev.C1
www.fairchildsemi.com
1
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
Rating
Units
VDSS
Drain to Source Voltage
150
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current
- Continuous (TC = 25
oC)
26
A
- Continuous (TC = 100
oC)
17
IDM
Drain Current
- Pulsed
(Note 1)
104
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
96
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
13
V/ns
PD
Power Dissipation
(TC = 25
oC)
63
W
- Derate above 25oC0.5
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Min.
Max.
Units
RθJC
Thermal Resistance, Junction to Case
-
2.0
oC/W
RθJA
Thermal Resistance, Junction to Ambient
-
87
FDD390N15ALZ
N-Channel PowerTrench® MOSFET
150V, 26A, 42m
Ω
Features
•RDS(on) = 33.4mΩ ( Typ.) @ VGS = 10V, ID = 26A
•RDS(on) = 42.2mΩ ( Typ.) @ VGS = 4.5V, ID = 20A
• Fast Switching Speed
• Low gate charge
• High Performance Trench Technology for Extremely Low
RDS(on)
• High Power and Current Handling Capability
•RoHS Compliant
Description
This
N-Channel
MOSFET
is
produced
using
Fairchild
Semiconductor’s advanced PowerTrench process that has been
especially tailored to minimize the on-state resistance and yet
maintain superior switching performance.
Application
• DC to DC Converters
• Synchronous Rectification for Telecommunication PSU
• Battery Charger
• AC motor drives and Uninterruptible Power Supplies
D-PAK
G
S
D
G
S
D
G
S
D


유사한 부품 번호 - FDD390N15ALZ

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDD390N15ALZ VBSEMI-FDD390N15ALZ Datasheet
1,004Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD390N15ALZ ISC-FDD390N15ALZ Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD390N15ALZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB2552-F085 FAIRCHILD-FDB2552-F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
FDPF770N15A FAIRCHILD-FDPF770N15A Datasheet
222Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150V, 10A, 77m廓
FDP075N15A FAIRCHILD-FDP075N15A Datasheet
315Kb / 10P
   N-Channel PowerTrench짰 MOSFET 150V, 130A, 7.5m廓
FDP2552 FAIRCHILD-FDP2552_12 Datasheet
357Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2552_F085 FAIRCHILD-FDB2552_F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
Fairchild Semiconductor
FDPF190N15A FAIRCHILD-FDPF190N15A Datasheet
237Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150V, 27.4A, 19m廓
FDB2532_F085 FAIRCHILD-FDB2532_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com