전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX017DLT 데이터시트(PDF) 6 Page - Sony Corporation

부품명 LCX017DLT
상세설명  4.6cm (1.8 Type) Black-and-White LCD Panel
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX017DLT 데이터시트(HTML) 6 Page - Sony Corporation

Back Button LCX017DLT Datasheet HTML 2Page - Sony Corporation LCX017DLT Datasheet HTML 3Page - Sony Corporation LCX017DLT Datasheet HTML 4Page - Sony Corporation LCX017DLT Datasheet HTML 5Page - Sony Corporation LCX017DLT Datasheet HTML 6Page - Sony Corporation LCX017DLT Datasheet HTML 7Page - Sony Corporation LCX017DLT Datasheet HTML 8Page - Sony Corporation LCX017DLT Datasheet HTML 9Page - Sony Corporation LCX017DLT Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
– 6 –
LCX017DLT
Input Signals
1. Input signal voltage conditions (VSS = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
VpsigB
VpsigG
–0.5
4.5
–0.5
4.5
6.9
VVC – 4.5
VVC – 0.5
VVC ± 4.4
VVC ± 1.8
0.0
5.0
0.0
5.0
7.0
7.0
VVC – 0.4
VVC ± 4.5
VVC ± 1.9
0.4
5.5
0.4
5.5
7.1
VVC + 4.5
VVC – 0.3
VVC ± 4.6
VVC ± 2.0
V
V
V
V
V
V
V
V
V shift register input voltage
HB, VB, BLK, VST, VCK,
PCG, ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal
input voltage (PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit
∗1 Input video signal shall be symmetrical to VVC.
∗2 The typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value.
When the typical value is lowered, the maximum and minimum values may lower.
∗3 Input a uniformity improvement signal PSIG in the same polarity with video signals VSIG1 to VSIG12 and
which is symmetrical to VVC. PSIG wave form is 2 steps like below, in the upper chart, upper shows signal
level of the 1st step, lower shows signal level of the 2nd step. Also, the rising and falling of PSIG are
synchronized with the rising of PCG pulse, and the rise time trPSIG and fall time tfPSIG are suppressed
within 450ns (as shown in a diagram below).
Level Conversion Circuit
The LCX017DLT has a built-in level conversion circuit in the clock input unit on the panel. The input signal
level increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIG
PCG
90%
10%
PRG∗4
PsigG
PsigB
Input waveform of uniformity improvement signal PSIG
∗4 PRG shows the time of the 1st step of PSIG signal, and it is not input to the panel.


유사한 부품 번호 - LCX017DLT

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX017DLT SONY-LCX017DLT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

유사한 설명 - LCX017DLT

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX034ALT SONY-LCX034ALT Datasheet
393Kb / 26P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com