전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX020 데이터시트(PDF) 6 Page - Sony Corporation

부품명 LCX020
상세설명  1.8cm (0.7-inch) Color LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX020 데이터시트(HTML) 6 Page - Sony Corporation

Back Button LCX020 Datasheet HTML 2Page - Sony Corporation LCX020 Datasheet HTML 3Page - Sony Corporation LCX020 Datasheet HTML 4Page - Sony Corporation LCX020 Datasheet HTML 5Page - Sony Corporation LCX020 Datasheet HTML 6Page - Sony Corporation LCX020 Datasheet HTML 7Page - Sony Corporation LCX020 Datasheet HTML 8Page - Sony Corporation LCX020 Datasheet HTML 9Page - Sony Corporation LCX020 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
– 6 –
LCX020BK
Input Signals
1. Input signal voltage conditions (Vss = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
Vpsig1
Vpsig2
–0.5
4.5
–0.5
4.5
6.9
VVC – 4.5
VVC – 0.5
VVC ± 2.0
VVC ± 4.0
0.0
5.0
0.0
5.0
7.0
7.0
VVC – 0.4
VVC ± 3.0
VVC ± 4.5
0.4
5.5
0.4
5.5
7.1
VVC + 4.5
VVC – 0.3
VVC ± 4.0
VVC ± 4.6
V
V
V
V
V
V
V
V
V
V shift register input voltage
MODE1, MODE2, MODE3,
BLK, VST, VCK, PCG,
ENB, DWN
Video signal center voltage
Video signal input range∗1
Common pad voltage of panel∗2
Uniformity improvement signal input
voltage (PSIGR, PSIGG, PSIGB)∗3
Symbol
Min.
Typ.
Max.
Unit
1 Video input signal shall be symmetrical to VVC.
2 The optimum typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value. When the
typical value is lowered, the maximum and minimum values may lower.
3 Input a uniformity improvement signals PSIGR, PSIGG and PSIGB in the same polarity with video signals
SIGR1 to 6, SIGG1 to 6 and SIGB1 to 6 and which is symmetrical to VVC. PSIGR, PSIGG and PSIGB have
two steps as shown by the waveform in the figure below, and in the table above, the upper value indicates
the signal level of the first step, and the lower value, the signal level of the second step.
Here, the rising and falling of PSIGR, PSIGG and PSIGB are synchronized with the rising of PCG pulse,
and the rise and fall times trPSIGR, trPSIGG, trPSIGB, tfPSIGR, tfPSIGG and tfPSIGB are suppressed
within 800ns.
Input waveform of uniformity improvement signal PSIG
LCX020BK level conversion circuit
The LCX020BK has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The Vcc of external ICs are applicable to 5 ± 0.5V.
trPSIGR,
trPSIGG,
trPSIGB
10%
90%
VVC
PRG
PSIGR,
PSIGG,
PSIGB
Vpsig2
Vpsig1
tfPSIGR,
tfPSIGG,
tfPSIGB


유사한 부품 번호 - LCX020

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX021 SONY-LCX021 Datasheet
317Kb / 24P
   4.1cm (1.6-inch) LCD Panel (with microlens)
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
   4.1cm (1.6-inch) LCD Panel (with microlens)
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023EMT SONY-LCX023EMT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

유사한 설명 - LCX020

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX018AK SONY-LCX018AK Datasheet
350Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX034ALT SONY-LCX034ALT Datasheet
393Kb / 26P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX038ART SONY-LCX038ART Datasheet
317Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com