전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF08S60ST 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FFPF08S60ST
상세설명  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF08S60ST 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FFPF08S60ST_12 Datasheet HTML 1Page - Fairchild Semiconductor FFPF08S60ST_12 Datasheet HTML 2Page - Fairchild Semiconductor FFPF08S60ST_12 Datasheet HTML 3Page - Fairchild Semiconductor FFPF08S60ST_12 Datasheet HTML 4Page - Fairchild Semiconductor FFPF08S60ST_12 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FFPF08S60ST Rev. C0
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Pulse : Test Pulse width = 300
μs, Duty Cycle = 2%
Test Circuit and Waveforms
Parameter
Conditions
Min.
Typ.
Max
Units
VFM1
IF = 8A
IF = 8A
TC = 25 °C
TC = 125 °C
-
-
2.1
1.6
2.6
-
V
V
IRM1
VR = 600V
VR = 600V
TC = 25 °C
TC = 125 °C
-
-
-
-
100
500
μA
μA
trr
IF =1A, di/dt = 100A/μs, VR= 30V
TC = 25 °C-
-
25
ns
trr
Irr
S factor
Qrr
IF =8A, di/dt = 200A/μs, VR = 390V
TC = 25 °C-
-
-
-
19
2.2
0.6
21
30
-
-
-
ns
A
nC
trr
Irr
S factor
Qrr
IF =8A, di/dt = 200A/μs, VR= 390V
TC = 125 °C-
-
-
-
58
4.3
1.3
125
-
-
-
-
ns
A
nC
WAVL
Avalanche Energy (L = 40mH)
20
-
-
mJ


유사한 부품 번호 - FFPF08S60ST_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF08S60ST FAIRCHILD-FFPF08S60ST_14 Datasheet
361Kb / 5P
   8 A, 600 V STEALTHTM II Diode
More results

유사한 설명 - FFPF08S60ST_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
Silicon Supplies
MURC860 SS-MURC860 Datasheet
1Mb / 4P
   600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com