전자부품 데이터시트 검색엔진 |
|
FFPF10UA60ST 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
FFPF10UA60ST 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page FFPF10UA60ST Rev. A www.fairchildsemi.com 2 Electrical Characteristics T C = 25 oC unless otherwise noted Symbol Parameter Min. Typ. Max. Units VFM1 IF = 10A IF = 10A TC = 25 oC TC = 125 oC - - 1.8 1.7 2.3 2.2 V IRM1 VR = 600V VR = 600V TC = 25 oC TC = 125 oC - - - - 100 500 µA trr Irr Qrr IF = 10A, di/dt = 200A/µs TC = 25 oC 74 6 213 120 10 600 nS A nC WAVL Avalanche Energy ( L = 40mH) 10 - - mJ Test Circuit and Waveforms Notes: 1: Pulse: Test Pulse width = 300µs, Duty Cycle = 2% |
유사한 부품 번호 - FFPF10UA60ST |
|
유사한 설명 - FFPF10UA60ST |