전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF1007 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FPF1007
상세설명  IntelliMAX??Advanced Load Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1007 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF1007_12 Datasheet HTML 3Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 4Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 5Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 6Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 7Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 8Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 9Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 10Page - Fairchild Semiconductor FPF1007_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FPF1007-FPF1009 • Rev. 1.0.3
Typical Characteristics
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VON = 5.5V
VON = 0V
0
30
60
90
120
150
180
210
240
1
234
56
VIN, SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
FPF1007
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
FPF1008
10
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
FPF1009
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TFALL
TRISE
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
FPF1007
Figure 9. FPF1007 tON / tOFF vs. Temperature
Figure 10. FPF1008 tON / tOFF vs. Temperature
Figure 11. FPF1009 tON / tOFF vs. Temperature
Figure 12. FPF1007 tRISE / tFALL vs. Temperature
Figure 7. On Pin Current vs. Temperature
Figure 8. RON vs. VIN


유사한 부품 번호 - FPF1007_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
   IntelliMAX??Advanced Load Products
logo
ON Semiconductor
FPF1007 ONSEMI-FPF1007 Datasheet
1Mb / 11P
   Advanced Load Products
October-2017, Rev. 2
More results

유사한 설명 - FPF1007_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
   IntelliMAX??Advanced Load Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com