전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF1038UCX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FPF1038UCX
상세설명  Low On-Resistance, Slew-Rate-Controlled Load Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1038UCX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FPF1038UCX Datasheet HTML 1Page - Fairchild Semiconductor FPF1038UCX Datasheet HTML 2Page - Fairchild Semiconductor FPF1038UCX Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1038 • Rev. 1.0.5
11
Physical Dimensions
Figure 30.
6 Ball, 1.0 x 1.5 mm Wafer-Level Chip-Scale Packaging (WLCSP)
Nominal Values
Bump
Pitch
Overall Package
Height
Silicon
Thickness
Solder Bump
Height
Solder Bump
Diameter
0.5 mm
0.582 mm
0.332 mm
0.250 mm
0.315 mm
Product-Specific Dimensions
Product
D
E
X
Y
FPF1038UCX
1.5 mm ±0.03
1.0 mm ±0.03
0.240 mm
0.240 mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
SIDE VIEWS
RECOMMENDED LAND PATTERN
BALL A1
INDEX AREA
SEATING PLANE
A1
F
(NSMD PAD TYPE)
(Ø0.350)
SOLDER MASK
OPENING
(X) ±0.018
(Y) ±0.018
(Ø0.250)
Cu Pad
0.06 C
0.05 C
E
D
F
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASMEY14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 582 MICRONS
±43 MICRONS (539-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILNAME: MKT-UC006AFrev2.
0.03 C
2X
0.03 C
2X
Ø0.315 +/- .025
6X
1 2
A
B
C
0.332±0.018
0.250±0.025
D
E
(1.00)
(0.50)
0.005
CA B
0.50
0.50
1.00
0.625
0.539
TOP VIEW
B
A
C


유사한 부품 번호 - FPF1038UCX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF1038UCX ONSEMI-FPF1038UCX Datasheet
1,016Kb / 14P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
November 2013 Rev. 1.0.6
More results

유사한 설명 - FPF1038UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF1039 FAIRCHILD-FPF1039 Datasheet
624Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
FPF1039 FAIRCHILD-FPF1039_13 Datasheet
396Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
logo
ON Semiconductor
FPF1038 ONSEMI-FPF1038 Datasheet
1,016Kb / 14P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
November 2013 Rev. 1.0.6
FPF1039 ONSEMI-FPF1039 Datasheet
1Mb / 16P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
April 2015 Rev. 1.5
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com