전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2702MPX 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FPF2702MPX
상세설명  Adjustable Over-Current Protection Load Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2702MPX 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FPF2702MPX Datasheet HTML 1Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 2Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 3Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 4Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 5Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 6Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 7Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 8Page - Fairchild Semiconductor FPF2702MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2700 / FPF2701 / FPF2702 • Rev. 1.0.2
5
Electrical Characteristics
VIN=2.8 to 36V and TA=-40 to +85°C unless otherwise noted. Typical values are at VIN=12V and TA=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
Basic Operation
VIN
Operating Voltage
2.8
36.0
V
IQ
Quiescent Current
VIN=12V, VON=0V, IOUT=0A
92
140
μA
ISHDN
Shutdown Current
VIN=36V, VON=3.3V, IOUT=0A
5
14
μA
RON
On-Resistance
TA=25°C, VIN=12V
88
114
mΩ
TA=-40 to +85°C, VIN=12V
140
TA=25°C, VIN=5V
88
114
TA=-40 to +85°C, VIN=5V
140
VIH
ON Input Logic HIGH Voltage
VIN=2.8 to 36V
2.0
V
VIL
ON Input Logic LOW Voltage
VIN=2.8 to 36V
0.8
V
ILK
ON Input Leakage
VON=5.5V or GND
-1
1
μA
ISWOFF
Off Switch Leakage
VIN=36V, VON=3.3V, VOUT=0V
0.01
μA
VFLAGB(LO) FLAGB Output Logic LOW Voltage
VIN=5V, ISINK=1mA
0.1
0.2
V
IFLAGB(HI)
FLAGB Output Logic HIGH Leakage
Current
VIN=36V, Switch On, VFLAGB=36V
1
μA
VPGOOD
PGOOD Trip Voltage
VIN=5V, VOUT as Percent of VIN,
VOUT Rising
90
%
VPGOOD(HYS) PGOOD Hysteresis
VIN=5V, VOUT as Percent of VIN,
VOUT Falling
3
%
VPGOOD(LO) PGOOD Output Logic LOW Voltage
VIN=5V, ISINK=1mA
0.1
0.2
V
IPGOOD(HI)
PGOOD Output High Leakage Current
VIN=36V, Switch ON,
VPGOOD=36V
1
μA
Protections
ILIM
Current Limit
TA=25°C
0.8 x
INOM
1.0 x
INOM
1.2 x
INOM
A
ISC
Short Circuit Current Limit
VOUT < 2V, Switch in Over-
Current Condition
0.75 x
INOM
A
TSD
Thermal Shutdown
Shutdown Threshold
140
°C
Return from Shutdown
110
Hysteresis
30
UVLO
Under-Voltage Shutdown
VIN Increasing
2.3
2.5
2.7
V
UVLO_HYST Under-Voltage Shutdown Hysteresis
100
mV
Dynamic
tdon
Turn On Delay
RL=500Ω, CL=2uF
2.7
ms
tdoff
Turn Off Delay
0.1
tR
VOUT Rise Time
7.5
tF
VOUT Fall Time
1.5
tBLANK
Over-Current Blanking Time
FPF2700/1, TA=25°C
0.25
0.50
0.75
ms
tRESTART
Auto-Restart Time
FPF2700, TA=25°C
63.8
127.5 191.2
ms
tCLR
Current-Limit Response Time
VIN=12V, VON=0V
50
μs


유사한 부품 번호 - FPF2702MPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2702MPX ONSEMI-FPF2702MPX Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
More results

유사한 설명 - FPF2702MPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
   IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
logo
Will Semiconductor Ltd.
WS3221C WILLSEMI-WS3221C Datasheet
540Kb / 8P
   Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3226C WILLSEMI-WS3226C Datasheet
1Mb / 8P
   Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3222D WILLSEMI-WS3222D Datasheet
1Mb / 9P
   Over-Voltage-Protection Load Switch with Adjustable OVLO threshold
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Will Semiconductor Ltd.
WS3216D WILLSEMI-WS3216D Datasheet
1Mb / 7P
   Over-Voltage-Protection load switch controller with Adjustable OVLO threshold
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com