전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2701MX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FPF2701MX
상세설명  Adjustable Over-Current Protection Load Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2701MX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FPF2701MX Datasheet HTML 1Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 2Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 3Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 4Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 5Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 6Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 7Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 8Page - Fairchild Semiconductor FPF2701MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2011
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2700 / FPF2701 / FPF2702 • Rev. 1.0.2
FPF2700 / FPF2701 / FPF2702 — AccuPower™ 0.4~2A
Adjustable Over-Current Protection Load Switches
Features
2.8V to 36V Input Voltage Range
Typical R
DS(ON)=88m
0.4A to 2A Adjustable Current Limit (Min.)
Slew Rate Controlled
ESD Protected, above 2000V HBM
Thermal Shutdown
Active LOW Enable
UVLO Protection
Power-Good Output
Applications
Motor Drives
Digital Cameras
Consumer Electronics
Industrial
Computing
Hard Disk Drives
Telecom Equipment
Figure 1. MLP (Top View) Figure 2. MLP (Bottom View)
Figure 3. SO8 (Top View)
Description
The AccuPower™ FPF270X series is a family of
current-limit load switches that provide full protection to
systems and loads from excess current conditions.
Minimum current limit is adjustable from 0.4A to 2.0A.
The FPF270X contains a slew-rate-controlled N-channel
MOSFET and slew-rated turn-on to prevent power bus
disturbances from being caused by “hot plugging” loads
or momentary excess load demands. The input voltage
range is 2.8V to 36V. Loads can be activated or
deactivated with a low-voltage logic-compatible ON pin.
Fault conditions can be monitored using the error flag
pin and/or the power-good pin.
Each member of the FPF270X family serves a category
of load-fault response. All devices clamp the load
current so that it cannot exceed an externally
programmed current level. An over temperature feature
provides further device protection in case of excessive
levels of power dissipation.
FPF2700 responds to an overload condition that lasts
longer than a fixed blanking period by turning off the
load, followed by a retry after the auto-restart time.
FPF2701 responds to an overload condition that lasts
longer than a fixed blanking period by latching off the
load. The load remains off unless either the ON pin is
toggled or the input voltage cycles through UVLO.
FPF2702 is intended to be used with external fault
management. Like the FPF2700 and FPF2701, it sets
the fault signal pin LOW when it activates current
clamping. This device is intended for applications where
external fault management coordinates the overload
response with the FPF2702.
The FPF270X is available in a space-saving Pb and
Halogen free, 8-lead MLP 3x3mm and SO8 packages.
Ordering Information
Part
Number
Current Limit [A]
Current Limit
Blanking Time [ms]
Auto-Restart
Time [ms]
ON Pin
Activity
Package
FPF2700MPX
0.4 – 2.0
0.5
127.5
Active LOW
MLP3X3
FPF2701MPX
0.4 – 2.0
0.5
NA
Active LOW
MLP3X3
FPF2702MPX
0.4 – 2.0
NA
NA
Active LOW
MLP3X3
FPF2700MX
0.4 – 2.0
0.5
127.5
Active LOW
SO8
FPF2701MX
0.4 – 2.0
0.5
NA
Active LOW
SO8
FPF2702MX
0.4 – 2.0
NA
NA
Active LOW
SO8


유사한 부품 번호 - FPF2701MX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2701MX ONSEMI-FPF2701MX Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
More results

유사한 설명 - FPF2701MX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
   IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
logo
Will Semiconductor Ltd.
WS3221C WILLSEMI-WS3221C Datasheet
540Kb / 8P
   Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3226C WILLSEMI-WS3226C Datasheet
1Mb / 8P
   Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3222D WILLSEMI-WS3222D Datasheet
1Mb / 9P
   Over-Voltage-Protection Load Switch with Adjustable OVLO threshold
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Will Semiconductor Ltd.
WS3216D WILLSEMI-WS3216D Datasheet
1Mb / 7P
   Over-Voltage-Protection load switch controller with Adjustable OVLO threshold
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com