전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD6N25 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQD6N25
상세설명  250V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N25 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQD6N25_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD6N25_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
 
 
 
     
    

    !" # $%#&##'( # 
)*#+,-./.Ω, 0 
, -1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


 





C+
 C=+ 
+-*+6-()*µ'
()*


+
∆C+
$∆
C=+ 
 
6-()*µ', ()7

* .D

+$7
6
E9+ 
+-()*++-*+


.
µ'
+-(**+-.()7


.*
µ'
6
9C0=
+-:*++-*+


.**
'
6
9C0=,!
+-:*++-*+


.**
'
 
+
9 + 
+-+6-()*µ'
: *

) *
+
,
  
, 
+-.*+6-( ('

* B(
. *

   
+-)*+6-( ('

( :


 

6  
+-()++-*+
-. *F#


(:*
:**


  

)*
2)


,!  

4 )
.*

   

 
+-.()+6-) )'
,-()Ω


B
()


,

2)
.&*


 

4 )
()


 

:*
4*

G
 9
+-(**+6-) )'
+-.*+


2 2
B )

G
9 

. 4&


G
9

: &


     
6
A 


& &
'
6
A8  


.4 2
'
+
 + 
+-*+6-& &'


. )
+

,!, !
+-*+6-) )'
6$-.**'$µ

.()


G
,!, !

* )

µ
©2008 Fairchild Semiconductor Internationa
Rev. A1, October 2008


유사한 부품 번호 - FQD6N25_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results

유사한 설명 - FQD6N25_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com