전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD6N40C 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQD6N40C
상세설명  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N40C 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQD6N40C_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD6N40C_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
5
10
15
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom : 5.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
246
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
※ Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
0
2
4
6
8
10
12
V
DS = 200V
V
DS = 80V
V
DS = 320V
※ Note : I
D = 6A
Q
G, Total Gate Charge [nC]
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
©2008 Fairchild Semiconductor Internationa
Rev. A1, October 2008


유사한 부품 번호 - FQD6N40C_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD6N40C FAIRCHILD-FQD6N40C Datasheet
623Kb / 9P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD6N40C ISC-FQD6N40C Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

유사한 설명 - FQD6N40C_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com