전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX033AKB 데이터시트(PDF) 10 Page - Sony Corporation

부품명 LCX033AKB
상세설명  1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX033AKB 데이터시트(HTML) 10 Page - Sony Corporation

Back Button LCX033AKB Datasheet HTML 6Page - Sony Corporation LCX033AKB Datasheet HTML 7Page - Sony Corporation LCX033AKB Datasheet HTML 8Page - Sony Corporation LCX033AKB Datasheet HTML 9Page - Sony Corporation LCX033AKB Datasheet HTML 10Page - Sony Corporation LCX033AKB Datasheet HTML 11Page - Sony Corporation LCX033AKB Datasheet HTML 12Page - Sony Corporation LCX033AKB Datasheet HTML 13Page - Sony Corporation LCX033AKB Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
– 10 –
LCX033AKB
Electrical Characteristics
1. Horizontal drivers
(Ta = 25°C, VDD = 12.0V, Input voltage = 3.0V)
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
STB
Video signal input pin capacitance
CHckn
CHst
IHck1
IHck2
IHst
IRgt
Istb
Csig
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
STB = GND
–500
–500
–300
–100
–100
5
5
–130
–150
–20
–15
–15
50
10
10
pF
pF
µA
µA
µA
µA
µA
pF
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance
VCK
VST
VST
EN
DWN
VCK
BLK
CVck
CVst
IVst
IEn
IDwn
IVck
IBlk
–100
5
5
–15
10
10
pF
pF
µA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
Item
Total power consumption of
the panel (NTSC)
Power consumption during
power save
PWR
30
0.6
50
mW
mW
Symbol
Min.
Typ.
Max.
Unit
4. VCOM input resistance, Video signal input resistance
Item
VCOM – Vss input resistance
Video signal – Vss input resistance
Rcom
Rsig
0.5
0.5
1
1
1.2
1.2
M
M
Symbol
Min.
Typ.
Max.
Unit
VST, EN, DWN, VCK,
BLK = GND


유사한 부품 번호 - LCX033AKB

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
More results

유사한 설명 - LCX033AKB

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
   8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
   3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com